Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0044 Datasheet(PDF) 113 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 109Page - STMicroelectronics PM0044 Datasheet HTML 110Page - STMicroelectronics PM0044 Datasheet HTML 111Page - STMicroelectronics PM0044 Datasheet HTML 112Page - STMicroelectronics PM0044 Datasheet HTML 113Page - STMicroelectronics PM0044 Datasheet HTML 114Page - STMicroelectronics PM0044 Datasheet HTML 115Page - STMicroelectronics PM0044 Datasheet HTML 116Page - STMicroelectronics PM0044 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 162 page
background image
PM0044
STM8 instruction set
Doc ID 13590 Rev 3
113/162
Syntax
JRxx dst
e.g. JRxx loop
Operation
PC = PC+lgth
PC <= PC + dst, if Condition is True
Description
Conditional relative jump. PC is updated by the signed addition of PC and
dst, if the condition is true. Control, then passes to the statement
addressed by the program counter. Else, the program continues normally.
Instruction overview
Instruction List
Detailed description
JRxx
Conditional Jump
Relative Instruction
JRxx
mnem
dst
Affected condition flags
VI1
H
I0
N
Z
C
JRxx
Mem
-
--
--
--
mnem
meaning
sym
Condition
Op-code (OC)
JRC
Carry
C = 1
25
JREQ
Equal
=
Z = 1
27
JRF
False
False
21
JRH
Half-Carry
H = 1
90
29
JRIH
Interrupt Line is High
90
2F
JRIL
Interrupt Line is Low
90
2E
JRM
Interrupt Mask
I = 1
90
2D
JRMI
Minus
< 0
N = 1
2B
JRNC
Not Carry
C = 0
24
JRNE
Not Equal
<> 0
Z = 0
26
JRNH
Not Half-Carry
H = 0
90
28
JRNM
Not Interrupt Mask
I = 0
90
2C
JRNV
Not Overflow
V = 0
28
JRPL
Plus
>= 0
N = 0
2A
JRSGE
Signed Greater or Equal
>=
(N XOR V) = 0
2E
JRSGT
Signed Greater Than
>
(Z OR (N XOR V)) = 0
2C
JRSLE
Signed Lower or Equal
<=
(Z OR (N XOR V)) = 1
2D
JRSLT
Signed Lower Than
<
(N XOR V) = 1
2F
JRT
True
True
20
JRUGE
Unsigned Greater or Equal
C = 0
24
JRUGT
Unsigned Greater Than
>
C = 0 and Z = 0
22
JRULE
Unsigned Lower or Equal
<=
C = 1 or Z = 1
23
JRC
Carry
C = 1
25
JRULT
Unsigned Lower Than
C = 1
25
JRV
Overflow
V = 1
29
dst
Asm
cy
lgth
Op-code(s)
ST7
shortoff
JRxx $15
1/2
2
Op-code
XX
shortoff
JRxx $15
1/2
3
90
Op-code
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com