Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 30Page - Texas Instruments LM49352 Datasheet HTML 31Page - Texas Instruments LM49352 Datasheet HTML 32Page - Texas Instruments LM49352 Datasheet HTML 33Page - Texas Instruments LM49352 Datasheet HTML 34Page - Texas Instruments LM49352 Datasheet HTML 35Page - Texas Instruments LM49352 Datasheet HTML 36Page - Texas Instruments LM49352 Datasheet HTML 37Page - Texas Instruments LM49352 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 106 page
background image
300 kHz
MCLK
0
_> 50 MHz
0
_ 50 MHz
OSCILLATOR
INTERNAL
PORT2_CLK
AUDIO
PORT 1
PMC
Stereo DAC
MIXER
Stereo ADC
PLL
% DAC
PMC, DAC, ADC divides by 1, 1.5, 2,
2.5 ==> 128
% ADC
% PMC
AUDIO
PORT 2
PORT1_CLK
0
_ 50 MHz
A
B
C
% 1/2
Cycle
% 1/2
Cycle
Half Cycle divides by 1, 1.5, 2, 2.5 ==> 32
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Table 6. DAC Clock Requirements
DAC Sample Rate
Clock Required at A
Clock Required at A
Clock Required at A
Clock Required at A
(kHz)
(OSR = 128)
(OSR = 125)
(OSR = 64)
(OSR = 32)
8
2.048 MHz
2 MHz
1.024 MHz
0.512 MHz
11.025
2.8224 MHz
2.75625 MHz
1.4112 MHz
0.7056 MHz
12
3.072 MHz
3 MHz
1.536 MHz
0.768 MHz
16
4.096 MHz
4 MHz
2.048 MHz
1.024 MHz
22.05
5.6448 MHz
5.5125 MHz
2.8224 MHz
1.4112 MHz
24
6.144 MHz
6 MHz
3.072 MHz
1.536 MHz
32
8.192 MHz
8 MHz
4.096 MHz
2.048MHz
44.1
11.2896 MHz
11.025 MHz
5.6448 MHz
2.8224 MHz
48
12.288 MHz
12 MHz
6.144 MHz
3.072 MHz
96
24.576 MHz
24 MHz
12.288 MHz
6.144 MHz
Table 7. ADC Clock Requirements
ADC Sample Rate
Clock Required at B
Clock Required at B
(kHz)
(OSR = 128)
(OSR = 125)
8
2.048 MHz
2 MHz
11.025
2.8224 MHz
2.75625 MHz
12
3.072 MHz
3 MHz
16
4.096 MHz
4 MHz
22.05
5.6448 MHz
5.5125 MHz
24
6.144 MHz
6 MHz
32
8.192 MHz
8 MHz
44.1
11.2896 MHz
11.025 MHz
48
12.288 MHz
12 MHz
Figure 57. Internal Clock Network
34
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com