Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 54 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 54 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 50Page - Texas Instruments LM49352 Datasheet HTML 51Page - Texas Instruments LM49352 Datasheet HTML 52Page - Texas Instruments LM49352 Datasheet HTML 53Page - Texas Instruments LM49352 Datasheet HTML 54Page - Texas Instruments LM49352 Datasheet HTML 55Page - Texas Instruments LM49352 Datasheet HTML 56Page - Texas Instruments LM49352 Datasheet HTML 57Page - Texas Instruments LM49352 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Table 36. BASIC_SETUP (0x50h/0x60h) (continued)
Bits
Field
Description
7
SYNC_INVERT
If this bit is set the SYNC is inverted before the receiver and transmitter.
SYNC_INVERT
SYNC ORIENTATION
0
SYNC Low = Left, SYNC High = Right
1
SYNC Low = Right, SYNC High = Left
Table 37. CLK_GEN_1 (0x51h/0x61h)
Bits
Field
Description
5:0
HALF_CYCLE_CLK_DI This programs the half-cycle divider that generates the master clocks in the audio port. The default of
V
this divider is 0x00, i.e. bypassed.
Program this divider with the required division multiplied by 2, and subtract 1.
HALF_CYCLE_CLK_DIV
Divides By
000000
BYPASS
000001
1
000010
1.5
000011
2
—
—
111101
31
111110
31.5
11111
32
6
CLOCK_SEL
This selects the clock source of the master mode Audio Port Clock generator's half-cycle divider.
0 = DAC_SOURCE_CLK
1 = ADC_SOURCE_CLK
Table 38. CLK_GEN_1 (0x52h/62h)
Bits
Field
Description
2:0
SYNTH_NUM
Along with SYNTH_DENOM, this sets the clock divider that generates the Port 1 or Port 2 clock in master
mode.
SYNTH_NUM
Numerator
000
SYNTH_DENOM (1/1)
001
100/SYNTH_DENOM
010
96/SYNTH_DENOM
011
80/SYNTH_DENOM
100
72/SYNTH_DENOM
101
64/SYNTH_DENOM
110
48/SYNTH_DENOM
111
0/SYNTH_DENOM
3
SYNTH_DENOM
Along with SYNTH_NUM, this sets the clock divider that generates the Port 1 or Port 2 clock in master
mode.
SYNTH_DENOM
Denominator
0
128
1
125
54
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com