Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 25Page - Texas Instruments LM49352 Datasheet HTML 26Page - Texas Instruments LM49352 Datasheet HTML 27Page - Texas Instruments LM49352 Datasheet HTML 28Page - Texas Instruments LM49352 Datasheet HTML 29Page - Texas Instruments LM49352 Datasheet HTML 30Page - Texas Instruments LM49352 Datasheet HTML 31Page - Texas Instruments LM49352 Datasheet HTML 32Page - Texas Instruments LM49352 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Table 1. Device Register Map (continued)
Address
Register
7
6
5
4
3
2
1
0
ADC
0x21h
ADC_CLK_DIV (T)
CLOCK
ADC
STEREO
0x23h
ADC_MIX_LEVEL_R
ADC_MIX_LEVEL_L
_MIXER
_LINK
DAC
DAC
0x30h
DSPONLY
DAC_CLK_SEL
MUTE_R
MUTE_L
DAC_OSR
_BASIC
DAC
0x31h
DAC_CLK_DIV (S)
_CLOCK
DIGITAL MIXER
0x40h
IPLVL1
PORT2_RX_R_LVL
PORT2_RX_L_LVL
PORT1_RX_R_LVL
PORT1_RX_L_LVL
0x41h
IPLVL2
INTERP_L_LVL
INTERP_R_LVL
ADC_R_LVL
ADC_L_LVL
0x42h
OPPORT1
MONO
SWAP
R_SEL
L_SEL
0x43h
OPPORT2
MONO
SWAP
R_SEL
L_SEL
0x44h
OPDAC
SWAP
ADCR
PORT2R
PORT1R
ADCL
PORT2L
PORT1L
0x45h
OPDECI
MXRCLK_SEL
R_SEL
L_SEL
AUDIO PORT 1
STEREO
STEREO
0x50h
BASIC
_SYNC
_SYNC
CLK_PH
SYNC_MS
CLK_MS
TX_ENB
RX_ENB
STEREO
_MODE
_PHASE
0x51h
CLK_GEN1
CLK_SEL
HALF_CYCLE_DIVDER
SYNTH
0x52h
CLK_GEN2
SYNTH_NUM
_DENOM
SYNC
0x53h
SYNC_WIDTH(MONO MODE)
SYNC_RATE
_GEN
DATA
0x54h
TX_EXTRA_BITS
TX_WIDTH
RX_WIDTH
_WIDTH
0x55h
RX_MODE
A/ULAW
COMPAND
MSB_POSITION
RX_MODE
0x56h
TX_MODE
A/ULAW
COMPAND
MSB_POSITION
TX_MODE
AUDIO PORT 2
STEREO
STEREO
0x60h
BASIC
_SYNC
_SYNC
CLK_PH
SYNC_MS
CLK_MS
TX_ENB
RX_ENB
STEREO
_MODE
_PHASE
0x61h
CLK_GEN1
CLK_SEL
HALF_CYCLE_DIVDER
SYNTH_DE
0x62h
CLK_GEN2
SYNTH_NUM
NOM
SYNC
0x63h
SYNC_WIDTH (MONO MODE)
SYNC_RATE
_GEN
DATA
0x64h
TX_EXTRA_BITS
TX_WIDTH
RX_WIDTH
_WIDTH
0x65h
RX_MODE
A/ULAW
COMPAND
MSB_POSITION
RX_MODE
0x66h
TX_MODE
A/ULAW
COMPAND
MSB_POSITION
TX_MODE
EFFECTS ENGINE
ADC
ADC
ADC
ADC
ADC
0x70h
ADC FX
SCLP ENB
EQ ENB
PK ENB
ALC ENB
HPF_ENB
DAC
DAC
DAC
DAC
0x71h
DAC FX
RSVD
SCLP ENB
EQ ENB
PK ENB
ALC ENB
ADC EFFECTS
0x80h
HPF
HPF MODE
ADC
SOURCE
SOURCE
SOURCE
STEREO
0x81h
LIMITER
ADC_SAMPLE
ALC 1
OVR
RSEL
LSEL
LINK
ADC
0x82h
NG_ENB
NOISE_FLOOR
ALC 2
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com