Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 60 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 60 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 56Page - Texas Instruments LM49352 Datasheet HTML 57Page - Texas Instruments LM49352 Datasheet HTML 58Page - Texas Instruments LM49352 Datasheet HTML 59Page - Texas Instruments LM49352 Datasheet HTML 60Page - Texas Instruments LM49352 Datasheet HTML 61Page - Texas Instruments LM49352 Datasheet HTML 62Page - Texas Instruments LM49352 Datasheet HTML 63Page - Texas Instruments LM49352 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Table 44. DAC EFFECTS (0x71h) (continued)
Bits
Field
Description
2
DAC_EQ_ENB
This enables the DAC's 5-band Parametric EQ.
3
RSVD
Reserved
4
ADC_SCLP_ENB
This enables the DAC's Soft Clip Feature.
Table 45. HPF MODE (0x80h)
Bits
Field
Description
2:0
HPF_MODE
This configures the ADC's High Pass Filter (HPF). To calculate the –3dB cutoff frequency, multiply the
coefficient by the sample rate (Hz): fC = Xn.fS(Hz)
HPF_MODE
Coefficient
Filter Characteristics
fC = 220Hz for:
000
X0 = 0.0275
8kHz Voice
001
X1 = 0.01833
12kHz Voice
010
X2 = 0.01375
16kHz Voice
011
X3 = 0.009166
24kHz Voice
100
X4 = 0.006875
32kHz Voice
fC = 100Hz for:
101
X5 = 0.003125
32kHz Audio
110
X6 = 0.0020833
48kHz Audio
fC = 150Hz for:
111
X7 = 0.0015625
96kHz Audio
ALC Overview
The Automatic Level Control (ALC) system can be used to regulate the audio output level to a user defined
target level. The ALC feature is especially useful whenever the level of the audio input is unknown,
unpredictable, or has a large dynamic range. The main purpose of the ALC is to optimize the dynamic range of
the audio input to audio output path.
There are two separate and independent ALC circuits in the LM49352. One of the ALC circuits is located within
the DAC DSP effects block. The other ALC circuit is integrated into the ADC DSP effects block. The DAC ALC
controls the DAC digital gain. The ADC ALC controls the mono/auxiliary input amplifier gain or microphone
preamplifier gain. The dual ALCs can be used to regulate the level of the analog (AUX, MONO, MIC) and digital
(Port1 Data In, Port2 Data In) audio inputs. The ALC regulated output can be routed to any of the LM49352’s
amplifier outputs for playback. The ALC regulated output can also be routed to Audio Port1 or Audio Port2 for
digital data transmission via I2S or PCM.
Only audio inputs that are considered signals (rather than noise) are sent to the ALC’s peak detector block. The
peak detector compares the level of the audio input versus the ALC target level (TARGET_LEVEL). Signals
lower than the target level will be amplified and signals higher than the target level will be attenuated. Any audio
input that is lower than the level specified by the noise floor level (NOISE_FLOOR) will be considered as noise
and will be gated from the ALC’s peak detector in order to avoid noise pumping. So it is important to set
NOISE_FLOOR to correlate with the signal to noise ratio of the corresponding audio path. In some instances (ie.
Conference calls), it may be desirable to mute audio input signals that consist solely of background noise from
the audio output. This is accomplished by enabling the ALC’s noise gate (NG_ENB). When the noise gate is
enabled, signals lower than the noise floor level will be muted from the audio output.
If the audio input signal is below the target level, the ALC will increase the gain of the corresponding volume
control until the signal reaches the target level. The rate at which the ALC performs gain increases is known as
decay rate (DECAY RATE). But before each ALC gain increase the ALC must wait a predetermined amount of
time (HOLD TIME). If the audio input signal is above the target level, the ALC will decrease the gain of the
corresponding volume control until the signal reaches the target level. The rate at which the ALC performs
attenuation is known as attack rate (ATTACK RATE). The ALC’s peak detector tracks increases in audio input
60
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com