Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 9Page - Texas Instruments LM49352 Datasheet HTML 10Page - Texas Instruments LM49352 Datasheet HTML 11Page - Texas Instruments LM49352 Datasheet HTML 12Page - Texas Instruments LM49352 Datasheet HTML 13Page - Texas Instruments LM49352 Datasheet HTML 14Page - Texas Instruments LM49352 Datasheet HTML 15Page - Texas Instruments LM49352 Datasheet HTML 16Page - Texas Instruments LM49352 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Electrical Characteristics
A_VDD = LS_VDD = 3.3V; HP_VDD = D_VDD = I/O_VDD = 1.8V
(1)(2) (continued)
The following specifications apply for RL(LS) = 8Ω, RL(HP) = 32Ω, f = 1kHz, unless otherwise specified. Limits apply for TA =
25°C.
LM49352
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limit)
(3)
(4)
AUXILIARY OUTPUT/EARPIECE AMPLIFIER
AUX_LINE_OUT, f = 1kHz
From Mono In
0.002
%
RL = 5kΩ, VOUT = 1VRMS
THD+N
Total Harmonic Distortion
Earpiece mode, f = 1kHz
From Mono In
0.02
%
RL = 32Ω BTL, POUT = 20mW
Earpiece mode, f = 1kHz
POUT
Output Power
58
50
mW (min)
RL = 32Ω BTL, THD+N = 1%
VRIPPLE = 200mVP-P, fRIPPLE = 217Hz
Mono Input terminated, CREF = 1.0μF
100
dB
AUX_LINE_OUT
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mVP-P, fRIPPLE = 217Hz
Mono Input terminated, CREF = 1.0μF
100
90
dB
Earpiece mode,
–6dB cut enabled
Gain = 0dB, VREF = VOUT (1% THD+N)
SNR
Signal to Noise Ratio
105
dB
A-weighted, Mono Input Terminated
Gain = 0dB, VREF = VOUT (1% THD+N)
∈OUT
Output Noise
7
μV
A-weighted, Mono Input Terminated
MONO gain = 0dB, From Mono Input
4
mV
AUX_LINE_OUT
VOS
Output Offset Voltage
Gain = 0dB, From Mono Input
4
12
mV (max)
Earpiece mode
TWU
Turn-On time
PMC Clock = 300kHz
28
ms
STEREO ADC
Mono Differential Input
THD+NADC
ADC Total Harmonic Distortion + Noise
VIN = 1VRMS, f = 1kHz
0.007
%
Gain = 0dB, fS = 48kHz
HPF On, fS = 48kHz
220
Hz
Lower -3dB Point
PBADC
ADC Passband
HPF On, Upper -3dB Point
0.41*fS
kHz
RADC
ADC Ripple
OSRDAC = 128
0.1
dB
Reference = VOUT (0dBFS )
Gain = 6dB,
98
dB
A-weighted From MIC, fS = 8kHz
SNRADC
ADC Signal to Noise Ratio
Reference = VOUT (0dBFS )
Gain = 0dB,
97
dB
A-weighted From Stereo Input,
fS = 48kHz
ADCLEVEL
ADC Full Scale Input Level
1.6
VRMS
STEREO DAC
I2S Input, AUXOUT, OSRDAC = 64
THD+NDAC
DAC Total Harmonic Distortion + Noise
VIN = 500mFFSRMS, f = 1kHz
0.01
%
Gain = 0dB
DACLEVEL
DAC Full Scale Output Level
1.08
VRMS
RDAC
DAC Ripple
0.1
dB
PBDAC
DAC Passband
Upper –3dB Point
0.45*fS
kHz
SNRDAC
DAC Signal to Noise Ratio
fS = 48kHz, A-weighted, AUXOUT
103
dB
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com