Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 50 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 50 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 46Page - Texas Instruments LM49352 Datasheet HTML 47Page - Texas Instruments LM49352 Datasheet HTML 48Page - Texas Instruments LM49352 Datasheet HTML 49Page - Texas Instruments LM49352 Datasheet HTML 50Page - Texas Instruments LM49352 Datasheet HTML 51Page - Texas Instruments LM49352 Datasheet HTML 52Page - Texas Instruments LM49352 Datasheet HTML 53Page - Texas Instruments LM49352 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Table 30. Input Levels 1 (0x40h) (continued)
Bits
Field
Description
3:2
PORT1_RX_R
This programs the input level of the data arriving from the right receive channel of Audio Port 1.
_LVL
PORT1_RX_R_LVL
Level
00
0dB
01
–6dB
10
–12dB
11
–18dB
5:4
PORT2_RX_L
This programs the input level of the data arriving from the left receive channel of Audio Port 2.
_LVL
PORT2_RX_L_LVL
Level
00
0dB
01
–6dB
10
–12dB
11
–18dB
7:6
PORT2_RX_R
This programs the input level of the data arriving from the right receive channel of Audio Port 2.
_LVL
PORT2_RX_R_LVL
Level
00
0dB
01
–6dB
10
–12dB
11
–18dB
Table 31. Input Levels 2 (0x41h)
Bits
Field
Description
1:0
ADC_L_LVL
This programs the input level of the data arriving from the left ADC channel.
ADC_L_LVL
Level
00
0dB
01
–6dB
10
–12dB
11
–18dB
3:2
ADC_R_LVL
This programs the input level of the data arriving from the right ADC channel.
ADC_R_LVL
Level
00
0dB
01
–6dB
10
–12dB
11
–18dB
5:4
INTERP_L_LVL
This programs the input level of the data arriving from the left DAC's interpolator output.
INTERP_L_LVL
Level
00
0dB
01
–6dB
10
–12dB
11
–18dB
7:6
INTERP_R_LVL
This programs the input level of the data arriving from the right DAC's interpolator output.
INTERP_R_LVL
Level
00
0dB
01
–6dB
10
–12dB
11
–18dB
50
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com