Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 38 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 34Page - Texas Instruments LM49352 Datasheet HTML 35Page - Texas Instruments LM49352 Datasheet HTML 36Page - Texas Instruments LM49352 Datasheet HTML 37Page - Texas Instruments LM49352 Datasheet HTML 38Page - Texas Instruments LM49352 Datasheet HTML 39Page - Texas Instruments LM49352 Datasheet HTML 40Page - Texas Instruments LM49352 Datasheet HTML 41Page - Texas Instruments LM49352 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Table 13. PLL_P1 (0x07h)
Bits
Field
Description
7:0
PLL_P1[7:0]
This programs the 8 LSBs of the PLL's P1 Divider. These LSBs combine with PL1_P1[8] which allows
the P1 divider to divide by up to 256.
PLL_P1 [8:0]
P1 Divider Value
000000000
1
000000001
1
000000010
1.5
000000011
2
000000100
2.5
000000101
3
—
—
111111101
255
111111110
255.5
111111111
256
Table 14. PLL_P2 (0x08h)
Bits
Field
Description
7:0
PLL_P2[7:0]
This programs 8 LSBs of the PLL's P2 Divider. These LSBs combine with PLL_P2[8] which allows the
P2 divider to divide by up to 256.
PLL_P2 [8:0]
P2 Divider Value
000000000
1
000000001
1
000000010
1.5
000000011
2
000000100
2.5
000000101
3
—
—
111111101
255
111111110
255.5
111111111
256
Analog Mixer Control Registers
This register is used to control the LM49352's Analog Mixer:
Table 15. CLASS_D_OUTPUT (0x10h)
Bits
Field
Description
0
DACR_LS
The right DAC output is added to the loudspeaker output.
1
DACL_LS
The left DAC output is added to the loudspeaker output.
2
RSVD
Reserved
3
RSVD
Reserved
4
MONO_LS
The MONO input is added to the loudspeaker output.
5
AUX_LS
The AUX input is added to the loudspeaker output.
38
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com