Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 59 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 59 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 55Page - Texas Instruments LM49352 Datasheet HTML 56Page - Texas Instruments LM49352 Datasheet HTML 57Page - Texas Instruments LM49352 Datasheet HTML 58Page - Texas Instruments LM49352 Datasheet HTML 59Page - Texas Instruments LM49352 Datasheet HTML 60Page - Texas Instruments LM49352 Datasheet HTML 61Page - Texas Instruments LM49352 Datasheet HTML 62Page - Texas Instruments LM49352 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 106 page
background image
RIGHT
DAC
LEFT
DAC
Distort
DIG Gain &
NG Mutes
ALC
-78 dB to +18 dB
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Digital Effects Engine
Digital Signal Processor (DSP)
The LM49352 is designed to handle the entire audio signal conditioning and processing within the audio system,
thereby freeing up the workload of any other applications processor contained within the system. The LM49352
features two independent DSPs, one for the DAC and the other for the ADC. Each DSP is fully featured and
performs as a professional quality digital audio effects engine. Both DSP engines feature digital volume control,
automatic level control (ALC), digital soft clip compression, and a 5-band parametric EQ. The effects chain of
each DSP engine is shown by the diagrams below.
Figure 66. ADC DSP Effects Chain
Figure 67. DAC DSP Effects Chain
The ADC and DAC DSP engines can be cascaded together in any order via the digital mixer to combine different
audio effects to the same signal path. For example, a signal can be processed with high-pass filtering from the
ADC effects engine with ALC from the DAC effects engine. The 5-band parametric EQs from each DSP engine
can be combined to form a single 10-band parametric EQ or a single 5-band parametric EQ with ±30dB (instead
of ±15dB) gain control for each band.
Table 43. ADC EFFECTS (0x70h)
Bits
Field
Description
0
ADC_HPF_ENB
This enables the ADC's High Pass Filter.
1
ADC_ALC_ENB
This enables the ADC's Automatic Level Control.
2
ADC_PK_ENB
This enables the ADC's Peak Detector.
3
ADC_EQ_ENB
This enables the ADC's 5-band Parametric EQ.
4
ADC_SCLP_ENB
This enables the ADC's Soft Clip Feature.
Table 44. DAC EFFECTS (0x71h)
Bits
Field
Description
0
DAC_ALC_ENB
This enables the DAC's Automatic Level Control.
1
DAC_PK_ENB
This enables the DAC's Peak Detector.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com