Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 73 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 73 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 69Page - Texas Instruments LM49352 Datasheet HTML 70Page - Texas Instruments LM49352 Datasheet HTML 71Page - Texas Instruments LM49352 Datasheet HTML 72Page - Texas Instruments LM49352 Datasheet HTML 73Page - Texas Instruments LM49352 Datasheet HTML 74Page - Texas Instruments LM49352 Datasheet HTML 75Page - Texas Instruments LM49352 Datasheet HTML 76Page - Texas Instruments LM49352 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Table 59. EQ_BAND_4 (0x8Eh)
Bits
Field
Description
1:0
FREQ
This sets the Treble peak filter's center frequency. The cut-off frequencies shown are based
on a 48kHz sample rate. Using lower sample rates will scale down the cut-off frequencies
proportionately.
FREQ
Frequency (Hz)
00
2k
01
2.7k
10
3.4k
11
4.1k
6:2
LEVEL
This sets the gain at fC.
LEVEL
Effect
00000
Off (0dB)
00001
-15dB
00010
-14dB
00011
-13dB
00100
-12dB
00101
-11dB
00110
-10dB
00111
-9dB
01000
-8dB
01001
-7dB
01010
-6dB
01011
-5dB
01100
-4dB
01101
-3dB
01110
-2dB
01111
-1dB
10000
0dB
10001
1dB
10010
2dB
10011
3dB
10100
4dB
10101
5dB
10110
6dB
10111
7dB
11000
8dB
11001
9dB
11010
10dB
11011
11dB
11100
12dB
11101
13dB
11110
14dB
11111
15dB
7
Q
This programs the width of the peak filter.
Q
Bandwidth
0
2/3 Octave
1
4/3 Octave
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com