Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 11Page - Texas Instruments LM49352 Datasheet HTML 12Page - Texas Instruments LM49352 Datasheet HTML 13Page - Texas Instruments LM49352 Datasheet HTML 14Page - Texas Instruments LM49352 Datasheet HTML 15Page - Texas Instruments LM49352 Datasheet HTML 16Page - Texas Instruments LM49352 Datasheet HTML 17Page - Texas Instruments LM49352 Datasheet HTML 18Page - Texas Instruments LM49352 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 106 page
background image
FREQUENCY (Hz)
-1
+1
-0.5
+0
+0.5
20
4k
50
100
200
500
1k
2k
10
0.001
0.01
0.1
1
FREQUENCY (Hz)
20
20k
50 100 200 500 1k
2k
5k 10k
+1
-1
-0.5
+0
+0.5
FREQUENCY (Hz)
20
20k
50 100 200 500 1k
2k
5k 10k
0
400
800
1200
1600
2000
0
10
20
30
40
50
60
70
80
90
100
OUTPUT POWER (mW)
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Typical Performance Characteristics
Class D Loudspeaker Amplifier Efficiency vs Output Power
THD+N < 10%, RL = 8Ω
DAC Frequency Response
Green >> LSVDD = 3.3V
fS = 48kHz
Gray >> LSVDD = 4.2V
Blue >> OSR = 64
Blue >> LSVDD = 5V
Light Blue >> OSR = 128
Figure 8.
Figure 9.
DAC Frequency Response
DAC THD+N vs Frequency
fS = 8kHz
fS = 8kHz, OSR = 128
Blue >> OSR = 64
Light Blue >> OSR = 128
I2S Input = 500mFFS
Figure 10.
Figure 11.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com