Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 41 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 37Page - Texas Instruments LM49352 Datasheet HTML 38Page - Texas Instruments LM49352 Datasheet HTML 39Page - Texas Instruments LM49352 Datasheet HTML 40Page - Texas Instruments LM49352 Datasheet HTML 41Page - Texas Instruments LM49352 Datasheet HTML 42Page - Texas Instruments LM49352 Datasheet HTML 43Page - Texas Instruments LM49352 Datasheet HTML 44Page - Texas Instruments LM49352 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Charge Pump Flying Capacitor (C5)
The value and ESR of the hold capacitor (C5) directly affects the ripple on CPVSS. Increasing the value of C5
reduces output ripple. Decreasing the ESR of C5 reduces both output ripple and charge pump output impedance.
A lower value capacitor can be used in systems with low maximum output power requirements. Please refer to
the demonstration board schematic shown in Figure 72.
Table 18. AUX_OUTPUT (0x13h)
Bits
Field
Description
0
DACR_AUX
The right DAC output is added to the AUX output.
1
DACL_AUX
The left DAC output is added to the AUX output.
2
MIC_AUX
The MIC input is added to the AUX output.
3
RSVD
Reserved
4
MONO_AUX
The MONO input is added to the AUX output.
5
AUX_AUX
The AUX input is added to the AUX output.
Auxiliary Output Amplifier
The LM49352’s auxiliary output (AUXOUT) amplifier provides differential drive capability to loads that are
connected across its outputs. This results in output signals at the AUX_OUT+ and AUX_OUT- pins that are 180
degrees out of phase with respect to each other. This effectively doubles the maximum possible output swing for
a specific supply voltage when compared to single-ended output configurations. The differential output
configuration also allows the load to be isolated from ground since both the AUX_OUT+ and AUX_OUT- pins are
biased at the same DC potential. This eliminates the need for any large and expensive DC blocking capacitors at
the AUXOUT amplifier outputs. The load can then be directly connected to the positive and negative outputs of
the AUXOUT amplifier which then isolates it from any ground noise, thereby improving signal to noise ratio
(SNR) and power supply rejection ratio (PSRR).
The AUXOUT amplifier has two modes of operation. The primary mode of operation is high current drive mode
(Earpiece Mode) where the AUXOUT amplifier can be used to differentially drive a mono earpiece speaker. The
secondary mode of operation is low current drive mode where the AUXOUT amplifier operates in a power saving
mode (AUX_LINE_OUT Mode) to provide a differential output that is used as a mono differential line level input
to a standalone mono differential input class D amplifier (LM4675) for stereo loudspeaker applications.
Table 19. OUTPUT_OPTIONS (0x14h)
Bits
Field
Description
0
RSVD
Reserved
This sets the gain of the left and right headphone amplifiers. The gain of the left and right headphone
amplifiers are always set to the same level.
LR_HP_LEVEL
Gain (dB)
000
0
001
–1.5
010
–3
3:1
LR_HP_LEVEL
011
–6
100
–9
101
–12
110
–15
111
–18
This sets the gain of the Auxiliary output amplifier.
AUX_NEG_6dB
Gain (dB)
4
AUX_NEG_6dB
0
0
1
–6
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com