Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 35 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 31Page - Texas Instruments LM49352 Datasheet HTML 32Page - Texas Instruments LM49352 Datasheet HTML 33Page - Texas Instruments LM49352 Datasheet HTML 34Page - Texas Instruments LM49352 Datasheet HTML 35Page - Texas Instruments LM49352 Datasheet HTML 36Page - Texas Instruments LM49352 Datasheet HTML 37Page - Texas Instruments LM49352 Datasheet HTML 38Page - Texas Instruments LM49352 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
9
PLL_P2
1 ± 25 MHz
1 ± 25 MHz
PLL_P1
8
PLL_M
PLL_N_MOD
7
5
9
% N
% P1
% P2
VCO
6'M
140 to
210 MHz
0.7 < 5 MHz
% M
N = 10, 11, 12
_> 250
Phase Comparator
and Charge Pump
M = 1, 1.5, 2
_> 64
0.5 - 50 MHz
PLL_N
I
8
P1 = 1,1.5, 2
_> 256
P2 = 1,1.5, 2
_> 256
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
PLL Setup Registers
Figure 58. PLL Loop
The LM49352 contains a PLL for flexible operation of its dual audio ports. The PLL has a P1 and P2 output
divider thereby allowing the PLL to generate two distinct clock outputs. The equations for the PLL's generated
output clocks are as follows:
fOUT1 = (fIN . N / M . P1)
fOUT2 = (fIN . N / M . P2)
where:
N = PLL_N + PLL_N_MOD
M = (PLL_M + 1) / 2
P1 = (PLL_P1 + 1) / 2
P2 = (PLL_P2 + 1) / 2
The VCO frequency and comparison frequencies are as follows:
fVCO = fOUT.P
fCOMP = fIN/M
Keep fVCO between 140MHz to 240MHz and keep fCOMP between 700KHz to 5MHz.
Table 8. PLL Settings for Common System Clock Frequencies
fIN (MHz)
M
N
N_MOD
P
fOUT (Hz)
Error (Hz)
12
2.5
32
0
12.5
12288000
0
13
15.5
175
26
12
12287970
–30
14.4
12.5
128
0
12
12288000
0
16.2
13.5
128
0
12.5
12288000
0
16.8
3.5
32
0
12.5
12288000
0
19.2
12.5
96
0
12
12288000
0
19.68
20.5
160
0
12.5
12288000
0
19.8
16.5
128
0
12.5
12288000
0
26
32.5
192
0
12.5
12288000
0
27
22.5
128
0
12.5
12288000
0
12
12.5
147
0
12.5
11289600
0
12.288
10
147
0
16
11289600
0
13
9
144
19
18.5
11289603
+3
14.4
12.5
147
0
15
11289600
0
16.2
22.5
196
0
12.5
11289600
0
16.8
12.5
126
0
15
11289600
0
19.2
20
147
0
12.5
11289600
0
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com