Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 28Page - Texas Instruments LM49352 Datasheet HTML 29Page - Texas Instruments LM49352 Datasheet HTML 30Page - Texas Instruments LM49352 Datasheet HTML 31Page - Texas Instruments LM49352 Datasheet HTML 32Page - Texas Instruments LM49352 Datasheet HTML 33Page - Texas Instruments LM49352 Datasheet HTML 34Page - Texas Instruments LM49352 Datasheet HTML 35Page - Texas Instruments LM49352 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Table 2. Nonzero I2C Default Registers (continued)
Address
Register
Default Data Value
0xA8h
DAC_L_LEVEL
0x33h
0xA9h
DAC_R_LEVEL
0x33h
0xF0h
RESET
0x02h
Basic PMC Setup Register
This register is used to control the LM49352's Basic Power Management Setup:
Table 3. PMC_SETUP (0x00h)
Bits
Field
Description
When this bit is set the power management will enable the MCLK I/O or internal oscillator(1). It will then
use this clock to sequence the enabling of the analog references and bias points. When this bit is
cleared the PMC will bring the analog down gently and disable the MCLK or oscillator.
0
CHIP_ENABLE
CHIP _ENABLE
Chip Status
0
Turn Chip Off
1
Turn Chip On
This enables the PLL.
PLL_ENABLE
PLL Status
1
PLL_ENB
0
PLL Off
1
PLL On
This enables the P2 output of the PLL.
PLL_P2ENB
PLL P2 Status
2
PLL_P2ENB
0
PLL P2 Off
1
PLL P2 On
This enables the internal 300kHz Oscillator. For analog only chip modes, the oscillator can be used
instead of an external system clock to drive the chip's power management (PMC).
OSC_ENABLE
Oscillator Status
3
OSC_ENB
0
Oscillator Off
1
Oscillator On
This forces the MCLK input to enable, regardless of requirement. If set, the audio ports and digital mixer
can be activated even if the chip is in shutdown mode. This assumes that MCLK is selected as the PMC
clock source (reg 0x01h) and that there is an active clock signal driving the MCLK pin. Setting this bit
reduces power consumption, by allowing audio ports and digital mixer to operate while the analog
sections of the chip are powered down.
4
MCLK_OVR
MCLK_OVR
Comment
0
I/O control is automatic
1
MCLK input forced on.
This forces the clock input of Audio Port 1 input to enable, regardless of other port settings.
PORT1_CLK_OVR
Comment
5
PORT1_CLK_OVR
0
I/O control is automatic
1
PORT_CLK input forced on
This forces the clock input of Audio Port 2 input to enable, regardless of other port settings.
PORT2_CLK_OVR
Comment
6
PORT2_CLK_OVR
0
I/O control is automatic
1
PORT_CLK input forced on
7
CHIP_ACTIVE
This bit is used to readback the enable status of the chip.
(1)
If the PMC is set to operate from one of the audio ports then it will wait for the port to be enabled or the relevant override bit to be set,
forcing the port clock input to enable.
32
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com