Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 78 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 78 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 74Page - Texas Instruments LM49352 Datasheet HTML 75Page - Texas Instruments LM49352 Datasheet HTML 76Page - Texas Instruments LM49352 Datasheet HTML 77Page - Texas Instruments LM49352 Datasheet HTML 78Page - Texas Instruments LM49352 Datasheet HTML 79Page - Texas Instruments LM49352 Datasheet HTML 80Page - Texas Instruments LM49352 Datasheet HTML 81Page - Texas Instruments LM49352 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Table 63. SOFTCLIP3 (0x92h)
Bits
Field
Description
3:0
LEVEL
This sets the post compressor gain level.
LEVEL
Level (dB)
00000
-22.5dB
00001
-21dB
00010
-19.5dB
00011
-18dB
00100
-16.5dB
00101
-15dB
00110
-13.5dB
00111
-12dB
01000
-10.5dB
01001
-9dB
01010
-7.5dB
01011
-6dB
01100
-4.5dB
01101
-3dB
01110
-1.5dB
01111
0dB
10000
1.5dB
10001
3dB
10010
4.5dB
10011
6dB
10100
7.5dB
10101
9dB
10110
10.5dB
10111
12dB
11000
13.5dB
11001
15dB
11010
16.5dB
11011
18dB
11100
19.5dB
11101
21dB
11110
22.5dB
11111
24dB
78
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com