Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 79 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 79 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 75Page - Texas Instruments LM49352 Datasheet HTML 76Page - Texas Instruments LM49352 Datasheet HTML 77Page - Texas Instruments LM49352 Datasheet HTML 78Page - Texas Instruments LM49352 Datasheet HTML 79Page - Texas Instruments LM49352 Datasheet HTML 80Page - Texas Instruments LM49352 Datasheet HTML 81Page - Texas Instruments LM49352 Datasheet HTML 82Page - Texas Instruments LM49352 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
DAC Effects Registers
Table 64. DAC_ALC_1 (0xA0h)
Bits
Field
Description
2:0
DAC_SAMPLE
This programs the timers on the ALC with the closest DAC sample rate.
DAC_SAMPLE
Expected DAC fS
000
8kHz
001
12kHz
010
16kHz
011
24kHz
100
32kHz
101
48kHz
110
96kHz
111
192kHz
3
LIMITER
If set, the circuit will never apply gain to the signal, no matter how small, but it will attenuate
the signal as soon as it reaches target and release it at the decay rate, once signal level
reduces below target. The I2C gain setting (at the time the LIMITER is enabled) is the
maximum gain that the ALC will apply. Care should be taken when choosing the optimum
I2C gain setting whenever enabling the Limiter.
4
STEREO LINK
If set, the ALC circuit uses the stereo average of the input signals to control the gain of the
stereo output. This maintains stereo imaging. If this bit is cleared, then both channels
operate as dual mono.
Table 65. DAC_ALC_2 (0xA1h)
Bits
Field
Description
3:0
NOISE_FLOOR
This sets the anticipated noise floor. Signals lower than the specified noise floor will be
gated from the ALC to avoid noise pumping.
NOISE_FLOOR
Noise Floor (dB)
0000
-39
0001
-42
0010
-45
0011
-48
0100
-51
0101
-54
0110
-57
0111
-60
1000
-63
1001
-66
1010
-69
1011
-72
1100
-75
1101
-78
1110
-81
1111
-84
4
NG_ENB
This enables the Noise Gate
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com