Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 29Page - Texas Instruments LM49352 Datasheet HTML 30Page - Texas Instruments LM49352 Datasheet HTML 31Page - Texas Instruments LM49352 Datasheet HTML 32Page - Texas Instruments LM49352 Datasheet HTML 33Page - Texas Instruments LM49352 Datasheet HTML 34Page - Texas Instruments LM49352 Datasheet HTML 35Page - Texas Instruments LM49352 Datasheet HTML 36Page - Texas Instruments LM49352 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
PMC Clocks Register
This register is used to control the LM49352's Basic Power Management Clock:
Table 4. PMC_SETUP (0x01h)
Bits
Field
Description
1:0
PMC_CLK_SEL
This selects the source of the PMC input clock.
PMC_CLK_SEL
PMC Input Clock Source
00
MCLK (Default divide is 40.5)
01
Internal 300kHz Oscillator
10
DAC SOURCE CLOCK
11
ADC SOURCE CLOCK
PMC Clock Divide Register
This register is used to control the LM49352's Power Management Circuit Clock Divider:
Table 5. PMC_SETUP (0x02h)
Bits
Field
Description
7:0
PMC_CLK_DIV
This programs the half cycle divider that precedes the PMC. The PMC should run from a 300kHz
clock. The default of this divider is 0x50h (divide by 40.5) to get a
≈300kHz PMC clock from a 12MHz
or 12.288MHz MCLK.
Program this divider with the required division, multiplied by 2, and subtract 1.
PMC_CLK_DIV
Divide by
00000000
1
00000001
1
00000010
1.5
00000011
2
00000100
2.5
00000101
3
—
—
11111101
126
11111110
127.5
11111111
128
LM49352 Clock Network
(Refer to Figure 57)
The audio DAC and ADC operate at a clock frequency of 2*OSR*fS where OSR is the oversampling ratio and fS
is the sampling frequency of the DAC or ADC. The DAC can operate at three different OSR settings (128, 125,
64). The ADC can operate at two different OSR settings (128, 125). For example, if the stereo DAC or ADC is
set at OSR = 128, a 12.288MHz clock is required for 48kHz data. If a 12.288MHz clock is not available, then the
internal PLL can be used to generate the desired clock frequency. Otherwise, if a 12.288MHz is available, the
PLL can be bypassed to reduce power consumption. The DAC clock divider or ADC clock divider can also be
used to generate the correct clock. If an 18.432 MHz clock is available, the DAC or ADC clock divider could be
set to 1.5 in order to generate a 12.288MHz clock from 18.432MHz without using a PLL.
The DAC path clock (DAC_SOURCE_CLK) and ADC path clock (ADC_SOURCE_CLK) can be driven directly by
the MCLK input, the PORT1_CLK input, the PORT2_CLK input, or PLL output.
For instances where a PLL must be used, the PLL input clock can come from three sources. The clock input to
the PLL can come from the MCLK input, the PORT1_CLK input, or the PORT2_CLK input.
The LM49352's Power Management Circuit (PMC) requires a clock that is independent from the DAC or ADC. It
is recommended to provide a
≈300kHz clock at Point C. The PMC clock divider is available to generate the
correct clock to the PMC block. The PMC clock path can be driven directly by the MCLK input, the internal
300kHz oscillator, the DAC_SOURCE_CLK, or the ADC_SOURCE_CLK.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com