Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 66 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 66 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 62Page - Texas Instruments LM49352 Datasheet HTML 63Page - Texas Instruments LM49352 Datasheet HTML 64Page - Texas Instruments LM49352 Datasheet HTML 65Page - Texas Instruments LM49352 Datasheet HTML 66Page - Texas Instruments LM49352 Datasheet HTML 67Page - Texas Instruments LM49352 Datasheet HTML 68Page - Texas Instruments LM49352 Datasheet HTML 69Page - Texas Instruments LM49352 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Table 50. ADC_ALC_5 (0x85h)
Bits
Field
Description
4:0
DECAY_RATE
This sets the rate at which the ALC will increase gain if it detects the input signal is too small.
DECAY_RATE
Time between gain steps (
μs)
00000
104
00001
125
00010
167
00011
250
00100
292
00101
396
00110
500
00111
708
01000
896
01001
1250
01010
1396 (Default)
01011
2000
01100
2708
01101
3500
01110
4750
01111
6250
10000
8000
10001
11000
10010
14000
10011
18500
10100
25000
10101
32000
10110
42000
10111
55000
11000
72500
11001
100000
11010
125000
11011
160000
11100
225000
11101
300000
11110
375000
11111
500000 (0.5s)
7:5
PK_DECAY_RATE
PK_DECAY_RATE
Max Time to track decay
000
1.3ms (Default)
001
2.6ms
010
5.3ms
011
10.6ms
100
21.3ms
101
42.6.3ms
110
85.5ms
111
2.73 secs
66
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com