Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 83 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 83 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 79Page - Texas Instruments LM49352 Datasheet HTML 80Page - Texas Instruments LM49352 Datasheet HTML 81Page - Texas Instruments LM49352 Datasheet HTML 82Page - Texas Instruments LM49352 Datasheet HTML 83Page - Texas Instruments LM49352 Datasheet HTML 84Page - Texas Instruments LM49352 Datasheet HTML 85Page - Texas Instruments LM49352 Datasheet HTML 86Page - Texas Instruments LM49352 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Table 69. DAC_ALC_6 (0xA5h)
Bits
Field
Description
4:0
HOLD_TIME
This sets how long the ALC circuit waits before increasing the gain.
HOLDTIME
Time (ms)
00000
1
00001
1.25
00010
1.6
00011
2
00100
2.5
00101
3.2
00110
4
00111
5
01000
6.25
01001
8
01010
10 (Default)
01011
12.5
01100
16
01101
20
01110
25
01111
32
10000
40
10001
50
10010
64
10011
80
10100
100
10101
125
10110
160
10111
200
11000
250
11001
320
11010
400
11011
500
11100
640
11101
800
11110
1000
11111
1250
Table 70. DAC_ALC_7 (0xA6h)
Bits
Field
Description
5:0
MAX_LEVEL
This sets the maximum allowed gain to the digital level control when the ALC is used.
Table 71. DAC_ALC_8 (0xA7h)
Bits
Field
Description
5:0
MIN_LEVEL
This sets the minimum allowed gain to the digital level control when the ALC is used.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
83
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com