Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 24Page - Texas Instruments LM49352 Datasheet HTML 25Page - Texas Instruments LM49352 Datasheet HTML 26Page - Texas Instruments LM49352 Datasheet HTML 27Page - Texas Instruments LM49352 Datasheet HTML 28Page - Texas Instruments LM49352 Datasheet HTML 29Page - Texas Instruments LM49352 Datasheet HTML 30Page - Texas Instruments LM49352 Datasheet HTML 31Page - Texas Instruments LM49352 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
1
Hold Time (repeated) START Condition
0.6
µs
2
Clock Low Time
1.3
µs
3
Clock High Time
600
ns
4
Setup Time for a Repeated START Condition
600
ns
Data Hold Time (Output direction, delay generated by LM49352)
50
See(1)
ns
5
Data Hold Time (Input direction, delay generated by the Master)
50
ns
6
Data Setup Time
100
ns
7
Rise Time of SDA
300
ns
8
Fall Time of SDA
300
ns
9
Set-up Time for STOP condition
600
ns
10
Bus Free Time between a STOP and a START Condition
1.3
µs
(1)
Data ensured by fall time.
Device Register Map
Table 1. Device Register Map
Address
Register
7
6
5
4
3
2
1
0
BASIC SETUP
PMC
CHIP
PORT2
PORT1
MCLK
OSC
PLL
CHIP
PLL_P2
0x00h
ENB
SETUP
ACTIVE
CLK OVR
CLK OVR
OVR
ENB
ENB
ENABLE
PMC
0x01h
PMC_CLK_SEL
CLOCKS
PMC
0x02h
PMC_CLK_DIV(R)
CLK_DIV
PLL
0x03h
PLL_CLK_SEL
0x04h
PLL M
PLL M
0x05h
PLL N
PLL N
PLL
0x06h
PLL P2[8]
PLL P1[8]
PLL N_MOD
N_MOD
0x07h
PLL P
PLL P1 [7:0]
0x08h
PLL P2
PLL P2[7:0]
ANALOG MIXER
0x10h
CLASSD
AUX_LS
MONO_LS
DACL_LS
DACR_LS
HEAD
MONO
0x11h
AUX_HPL
DACL_HPL
DACR_HPL
PHONESL
_HPL
HEAD
MONO
DACL
DACR
0x12h
AUX_HPR
PHONESR
_HPR
_HPR
_HPR
MONO
DACR
0x13h
AUX_OUT
AUX_AUX
MIC_AUX
DACL_AUX
_AUX
_AUX
OUTPUT
AUX_LINE_
AUX_NEG_
0x14h
LS_LEVEL
LR_HP_LEVEL
RSVD
OPTIONS
OUT
6dB
MONO
AUX
DACL
DACR
0x15h
ADC
MIC_ADCL
MIC_ADCR
_ADCL
_ADCR
_ADCL
_ADCR
0x16h
MIC_LVL
MUTE
SE/DIFF
MIC_LEVEL
0x18h
AUXL_LVL
SE/DIFF
AUX_LEVEL
AUXL_MON
0x19h
MONO_LV
SE/DIFF
MONO_LEVEL
O_IN
HP
HP SENSE
HP SENSE
HP
0x1Bh
HP SENSE
_SENSE
_AUX_D
_AUX
SENSE_D
ADC
0x20h
ADC BASIC
DSPONLY
ADC_CLK_SEL
MUTE_R
MUTE_L
ADC_OSR
MONO
28
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com