Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 36 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 32Page - Texas Instruments LM49352 Datasheet HTML 33Page - Texas Instruments LM49352 Datasheet HTML 34Page - Texas Instruments LM49352 Datasheet HTML 35Page - Texas Instruments LM49352 Datasheet HTML 36Page - Texas Instruments LM49352 Datasheet HTML 37Page - Texas Instruments LM49352 Datasheet HTML 38Page - Texas Instruments LM49352 Datasheet HTML 39Page - Texas Instruments LM49352 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Table 8. PLL Settings for Common System Clock Frequencies (continued)
fIN (MHz)
M
N
N_MOD
P
fOUT (Hz)
Error (Hz)
19.68
20.5
147
0
12.5
11289600
0
19.8
27.5
196
0
12.5
11289600
0
26
18.5
144
19
18
11289602.1
2.1
27
37.5
196
0
12.5
12289600
0
11.2896
10.5
195
0
17.5
12000000
0
12.288
8
125
0
16
12000000
0
13
6.5
102
0
17
12000000
0
13.5
4.5
68
0
17
12000000
0
14.4
6
85
0
17
12000000
0
16.2
13.5
170
0
17
12000000
0
16.8
7
85
0
17
12000000
0
19.2
8
85
0
17
12000000
0
19.68
20.5
200
0
16
12000000
0
19.8
16.5
170
0
17
12000000
0
26
6.5
36
0
12
12000000
0
11.2896
8
125
0
16
11025000
0
12
10
147
0
16
11025000
0
12.288
8
114
27
16
11025000
0
13
6.5
96
15
17.5
11025000
0
13.5
10
147
0
18
11025000
0
14.4
4
49
0
16
11025000
0
16.2
4
49
0
18
11025000
0
16.8
16
189
0
18
11025000
0
19.2
16
147
0
16
11025000
0
19.68
16
189
0
18
11025000
0
19.8
16
147
0
16.5
11025000
0
26
5
27
18
13
1102500
0
Table 9. PLL_CLOCK_SOURCE (0x03h)
Bits
Field
Description
1:0
PLL_CLK_SEL
This selects the source of the input clock to the PLL.
PLL_CLK_SEL
PLL Input Clock Source
00
MCLK
01
PORT1_CLK
10
PORT2_CLK
11
RESERVED
36
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com