Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 3Page - Texas Instruments LM49352 Datasheet HTML 4Page - Texas Instruments LM49352 Datasheet HTML 5Page - Texas Instruments LM49352 Datasheet HTML 6Page - Texas Instruments LM49352 Datasheet HTML 7Page - Texas Instruments LM49352 Datasheet HTML 8Page - Texas Instruments LM49352 Datasheet HTML 9Page - Texas Instruments LM49352 Datasheet HTML 10Page - Texas Instruments LM49352 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
HPVSS
CP-
LSGND
LS+
C
D
E
F
1
2
3
4
5
6
HPL
B
A
HPR
HPVDD
CP+
LSVDD
LS-
AVDD
AUXR
EP-
EP+
MONO-
MONO+
AGND
AUXL
PORT2
SDO
PORT1
SYNC
MIC-
MIC+
DAC
REF
PORT2
SYNC
PORT2
CLK
PORT1
SDO
PORT1
SDI
PORT1
CLK
ADC
REF
PORT2
SDI
MCLK
DGND
DVDD
IOVDD
SDA
SCL
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Figure 7. LM49352RL Pinout Diagram
Top View (Bump Side Down)
PIN DESCRIPTIONS
Pin
Pin Name
Type
Direction
Description
A1
HPR
Analog
Output
Headphone right output
DAC (Analog), ADC (Analog), PLL (Analog), input stages, analog mixer
A2
A_VDD
Supply
Input
(AUX and class D), and Earpiece amplifier power supply input
DAC (Analog), ADC (Analog), PLL (Analog), input stages, analog mixer
A3
AGND
Supply
Input
(AUX and class D), and Earpiece amplifier ground
A4
DAC REF
Analog
Input/Output
Filter point for the DAC reference
A5
ADC REF
Analog
Input
Filter point for the ADC reference. Connect this pin to A_VDD.
A6
SDA
Digital
Input/Output
I2C interface data line
B1
HPL
Analog
Output
Headphone left output
B2
AUX_R/AUX+
Analog
Input
Right analog input or positive differential auxiliary input
B3
AUX_L/AUX-
Analog
Input
Left analog input or negative differential auxiliary input
B4
PORT2_SYNC
Digital
Input/Output
Audio Port 2 sync signal (can be master or slave)
B5
PORT2_SDI
Digital
Input
Audio Port 2 serial data input
B6
SCL
Digital
Input
I2C interface clock line
C1
HP_VSS
Analog
Output
Negative power supply pin for the headphone amplifier
C2
HP_VDD
Supply
Input
Headphone amplifier power supply pin
C3
EP-/AUXOUT-
Analog
Output
Earpiece negative output or Auxiliary negative output
PORT2_SDO /
C4
Digital
Input / Output
Audio port 2 serial data output or General Purpose Input Output
GPIO
C5
PORT2_CLK
Digital
Input/Output
Audio port 2 clock signal (can be master or slave)
C6
MCLK
Digital
Input
Input clock from 0.5MHz to 50 MHz
D1
CP-
Analog
Input/Output
Fly capacitor negative input
D2
CP+
Analog
Input/Output
Fly capacitor positive input
D3
EP+/AUXOUT+
Analog
Output
Earpiece positive output or Auxiliary positive output
D4
PORT1_SYNC
Digital
Input/Output
Audio Port 1 sync signal (can be master or slave)
D5
PORT1_SDO
Digital
Output
Audio Port 1 serial data output
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com