Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 55 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 51Page - Texas Instruments LM49352 Datasheet HTML 52Page - Texas Instruments LM49352 Datasheet HTML 53Page - Texas Instruments LM49352 Datasheet HTML 54Page - Texas Instruments LM49352 Datasheet HTML 55Page - Texas Instruments LM49352 Datasheet HTML 56Page - Texas Instruments LM49352 Datasheet HTML 57Page - Texas Instruments LM49352 Datasheet HTML 58Page - Texas Instruments LM49352 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Table 39. CLK_GEN_1 (0x53h/63h)
Bits
Field
Description
2:0
SYNC_RATE
This sets the number of clock cycles before the sync pattern repeats. This depends if the audio port data
is mono or stereo.
In MONO mode:
SYNC_RATE
Number of Clock Cycles
000
8
001
12
010
16
011
18
100
20
101
24
110
25
111
32
In STEREO mode:
SYNC_RATE
Number of Clock Cycles
000
16
001
24
010
32
011
36
100
40
101
48
110
50
111
64
5:3
SYNC_WIDTH
In MONO mode, this programs the width (in number of bits) of the SYNC signal.
SYNC_WIDTH
Width of SYNC (in bits)
000
1
001
2
010
4
011
7
100
8
101
11
110
15
111
16
Table 40. DATA_WIDTHS (0x54h/64h)
Bits
Field
Description
2:0
RX_WIDTH
This programs the expected bits per word of the serial data input SDI.
RX_WIDTH
Bits
000
24
001
20
010
18
011
16
100
14
101
13
110
12
111
8
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com