Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 51 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 47Page - Texas Instruments LM49352 Datasheet HTML 48Page - Texas Instruments LM49352 Datasheet HTML 49Page - Texas Instruments LM49352 Datasheet HTML 50Page - Texas Instruments LM49352 Datasheet HTML 51Page - Texas Instruments LM49352 Datasheet HTML 52Page - Texas Instruments LM49352 Datasheet HTML 53Page - Texas Instruments LM49352 Datasheet HTML 54Page - Texas Instruments LM49352 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Table 32. Audio Port 1 Input (0x42h)
Bits
Field
Description
1:0
L_SEL
This selects which input is fed to the Left TX Channel of Audio Port 1.
L_SEL
Selected Input
00
None
01
ADC_L
10
PORT2_RX_L
11
DAC_INTERP_L
3:2
R_SEL
This selects which input is fed to the Right TX Channel of Audio Port 1.
R_SEL
Selected Input
00
None
01
ADC_R
10
PORT2_RX_R
11
DAC_INTERP_R
4
SWAP
If set, this swaps the Left and Right outputs to Audio Port 1.
5
MONO
If set, the right channel is ignored and the left channel becomes (left+right)/2.
Table 33. Audio Port 2 Input (0x43h)
Bits
Field
Description
1:0
L_SEL
This selects which input is fed to Audio Port 2's Left TX Channel.
L_SEL
Selected Input
00
None
01
ADC_L
10
PORT1_RX_L
11
DAC_INTERP_L
3:2
R_SEL
This selects which input is fed to Audio Port 2's Right TX Channel.
R_SEL
Selected Input
00
None
01
ADC_R
10
PORT1_RX_R
11
DAC_INTERP_R
4
SWAP
If set, this swaps the Left and Right outputs to Audio Port 2.
5
MONO
If set, the right channel is ignored and the left channel becomes (left+right)/2.
Table 34. DAC Input Select (0x44h)
Bits
Field
Description
0
PORT1_L
This adds Audio Port 1's left RX channel to the DAC's left input.
1
PORT2_L
This adds Audio Port 2's left RX channel to the DAC's left input.
2
ADC_L
This adds the ADC's left output to the DAC's left input.
3
PORT1_R
This adds Audio Port 1's right RX channel to the DAC's right input.
4
PORT2_R
This adds Audio Port 2's right RX channel to the DAC's right input.
5
ADC_R
This adds the ADC's right output to the DAC's right input.
6
SWAP
If set, this swaps the Left and Right inputs to the DAC.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com