Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 45 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 41Page - Texas Instruments LM49352 Datasheet HTML 42Page - Texas Instruments LM49352 Datasheet HTML 43Page - Texas Instruments LM49352 Datasheet HTML 44Page - Texas Instruments LM49352 Datasheet HTML 45Page - Texas Instruments LM49352 Datasheet HTML 46Page - Texas Instruments LM49352 Datasheet HTML 47Page - Texas Instruments LM49352 Datasheet HTML 48Page - Texas Instruments LM49352 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
HPR
HPL
RPU
500 k:
RPD
50 k:
I/OVDD
GPIO
RPD
50 k:
Headphone Jack
with a Normally Closed
(NC)
Mechanical Switch
LM49352
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
to RPU. The GPIO pin detects a logic low level due to the voltage division between RPU and RPD. When the GPIO
pin is set to HPSENSE mode, a logic low voltage reading causes the HDC to disable the headphone amplifier.
When a headphone plug is inserted, the mechanical connection between RPU and RPD is broken, resulting in a
logic high level detected by the GPIO pin. A logic high voltage reading causes the HDC to enable the headphone
amplifier.
The HDC has four modes of operation that automatically enable/disable different combinations of the audio
output amplifiers contained within the LM49352. Having the choice of four different HDC settings maximizes
power management flexibility to suit a particular application. Please refer to the HP_SENSE (reg 0x1Bh) register
table for a detailed discussion on the different HDC modes of operation.
Figure 60. Application Circuit for Headphone Detection
Table 24. HP_SENSE (0x1Bh)
Bits
Field
Description
0
HP SENSE
This bit enables the headphone sense circuit. If enabled, the headphone amplifier will automatically
turn on/off based on the logic level of the GPIO pin whenever GPIO is selected as a headphone sense
input. If the presence of a headphone insertion is detected, the headphone amplifier will automatically
turn on. If a headphone removal is detected the headphone amplifier will automatically turn off.
HPSENSE
Headphone Sense Status
0
Off
1
On
1
HPSENSE_D
This bit enables the headphone sense circuit. If enabled, the headphone amplifier will automatically
turn on/off based on the logic level of the GPIO pin whenever GPIO is selected as a headphone sense
input. If the presence of a headphone insertion is detected, the headphone amplifier will automatically
turn on and the Class D loudspeaker amplifier will turn off. If a headphone removal is detected the
headphone amplifier will automatically turn off and the Class D loudspeaker amplifier will turn on. This
bit overrides bit 0 of this register.
HPSENSE_D
Headphone Sense Status
0
Off
1
On
2
HPSENSE_AUX
This bit enables the headphone sense circuit. If enabled, the headphone amplifier will automatically
turn on/off based on the logic level of the GPIO pin whenever GPIO is selected as a headphone sense
input. If the presence of a headphone insertion is detected, the headphone amplifier will automatically
turn on and the Earpiece / Auxout amplifier will turn off. If a headphone removal is detected the
headphone amplifier will automatically turn off and the Earpiece / Auxout amplifier will turn on. This bit
overrides bit 0 and bit 1 of this register.
HPSENSE_AUX
Headphone Sense Status
0
Off
1
On
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com