Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 61 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 61 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 57Page - Texas Instruments LM49352 Datasheet HTML 58Page - Texas Instruments LM49352 Datasheet HTML 59Page - Texas Instruments LM49352 Datasheet HTML 60Page - Texas Instruments LM49352 Datasheet HTML 61Page - Texas Instruments LM49352 Datasheet HTML 62Page - Texas Instruments LM49352 Datasheet HTML 63Page - Texas Instruments LM49352 Datasheet HTML 64Page - Texas Instruments LM49352 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 106 page
background image
DECAY
HOLD
ATTACK
Audio
Input
ALC
Output
TARGET
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
signal amplitude instantaneously, but tracks decreases in audio input signal amplitude at programmable rate
(PEAK DECAY TIME). ATTACK RATE, DECAY RATE, HOLD TIME, and PEAK DECAY TIME are fully
adjustable which allows flexible operation of the ALC circuit. The ALC’s timers are based on the sample rate of
the DAC or ADC, so the closest corresponding sample rate must be programmed into the DAC SAMPLE setting
(for DAC ALC) or the ADC SAMPLE (for ADC ALC).
Figure 68. ALC Example
Limiter
The LM49352’s ALC features a limiter function. The purpose of the limiter is to limit the maximum level of the
audio signal to the specified ALC target level. When the limiter is enabled, the ALC will decrease the gain of the
volume control whenever the audio signal is higher than the specified target level. The programmed I2C gain
setting when the limiter is first enabled is the maximum gain setting that the ALC limiter will apply to the audio
signal. Gain increases beyond the original I2C gain setting are disabled. This is in contrast to ALC operation with
the limiter disabled, where the ALC may increase gain of audio signals below target level using gain settings
beyond the original I2C gain setting. Therefore, it is important to set the gain of the audio path to the desired
setting before enabling the ALC limiter function.
The limiter’s target level can be set just below the clipping level of the output amplifier or ADC in order to prevent
harsh distortions delivered to the loudspeaker or headphone on the receiving end. This method of ALC limiter
operation is also known as “no clip” mode. Operating the ALC limiter in “no clip” mode maximizes the dynamic
range of the audio amplifier or ADC while ensuring that the audio signal will never clip. Utilizing the ALC limiter in
“no clip” mode also protects the loudspeaker from damage due to harmful overdriven conditions.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com