Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 63 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 63 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 59Page - Texas Instruments LM49352 Datasheet HTML 60Page - Texas Instruments LM49352 Datasheet HTML 61Page - Texas Instruments LM49352 Datasheet HTML 62Page - Texas Instruments LM49352 Datasheet HTML 63Page - Texas Instruments LM49352 Datasheet HTML 64Page - Texas Instruments LM49352 Datasheet HTML 65Page - Texas Instruments LM49352 Datasheet HTML 66Page - Texas Instruments LM49352 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Table 46. ADC_ALC_1 (0x81h)
Bits
Field
Description
2:0
ADC_SAMPLE
This programs the timers on the ALC with the closest sample rate of the ADC.
ADC_SAMPLE
Expected ADC fS
000
8kHz
001
12kHz
010
16kHz
011
24kHz
100
32kHz
101
48kHz
110
96kHz
111
192kHz
3
LIMITER
If set, the circuit will never apply gain to the signal, no matter how small, but it will attenuate the signal
as soon as it reaches target and release it at the decay rate, once signal level reduces below target.
The I2C gain setting (at the time the LIMITER is enabled) is the maximum gain that the ALC will apply.
Care should be taken when choosing the optimum I2C gain setting whenever enabling the Limiter.
4
STEREO LINK
If set, the ALC circuit uses the stereo average of the input signals to control the gain of the stereo
output. This maintains stereo imaging. If this bit is cleared, then both channels operate as dual mono.
5
SOURCE_RSEL
If both SOURCE_OVR and this bit is set, the right ADC ALC channel will be active.
6
SOURCE_LSEL
If both SOURCE_OVR and this bit is set, the left ADC ALC channel will be active.
7
SOURCE_OVR
If set, the active channel of the ADC ALC is determined by SOURCE_RSEL and SOURCE_LSEL. If
cleared, the active channel of the ADC ALC is determined by the selected input to the ADC. MONO
enables left ALC, AUX enables right ALC, MIC enables left and / or right ALC depending on which
ADC channel MIC is selected to.
Table 47. ADC_ALC_2 (0x82h)
Bits
Field
Description
3:0
NOISE_FLOOR
This sets the anticipated noise floor. Signals lower than the noise floor specified will be gated from the
ALC to avoid noise pumping.
NOISE_FLOOR
Noise Floor (dB)
0000
–39
0001
–42
0010
–45
0011
–48
0100
–51
0101
–54
0110
–57
0111
–60
1000
–63
1001
–66
1010
–69
1011
–72
1100
–75
1101
–78
1110
–81
1111
–84
4
NG_ENB
This enables the Noise Gate.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com