Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352 Datasheet(PDF) 105 Page - Texas Instruments

Part # LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Datasheet(HTML) 105 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 98Page - Texas Instruments LM49352 Datasheet HTML 99Page - Texas Instruments LM49352 Datasheet HTML 100Page - Texas Instruments LM49352 Datasheet HTML 101Page - Texas Instruments LM49352 Datasheet HTML 102Page - Texas Instruments LM49352 Datasheet HTML 103Page - Texas Instruments LM49352 Datasheet HTML 104Page - Texas Instruments LM49352 Datasheet HTML 105Page - Texas Instruments LM49352 Datasheet HTML 106Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 105 / 106 page
background image
MECHANICAL DATA
YPG0036xxx
www.ti.com
RLA36XXX (Rev A)
0.650±0.075
D
E
4214895/A
12/12
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
NOTES:
D: Max =
E: Max =
3.305 mm, Min =
3.305 mm, Min =
3.245 mm
3.245 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com