Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 163 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 163 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 159Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 160Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 161Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 162Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 163Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 164Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 165Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 166Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 163
PIC17C7XX
15.2.13 ACKNOWLEDGE SEQUENCE TIMING
An acknowledge sequence is enabled by setting the
acknowledge
sequence
enable
bit,
ACKEN
(SSPCON2<4>). When this bit is set, the SCL pin is
pulled low and the contents of the acknowledge data
bit is presented on the SDA pin. If the user wishes to
generate an acknowledge, then the ACKDT bit should
be cleared. If not, the user should set the ACKDT bit
before starting an acknowledge sequence. The baud
rate generator then counts for one rollover period
(TBRG), and the SCL pin is de-asserted (pulled high).
When the SCL pin is sampled high (clock arbitration),
the baud rate generator counts for TBRG . The SCL pin
is then pulled low. Following this, the ACKEN bit is
automatically cleared, the baud
rate generator is
turned off, and the SSP module then goes into IDLE
mode. (Figure 15-32)
15.2.13.1 WCOL STATUS FLAG
If the user writes the SSPBUF when an acknowledege
sequence is in progress, then WCOL is set and the
contents of the buffer are unchanged (the write doesn’t
occur).
FIGURE 15-32: ACKNOWLEDGE SEQUENCE WAVEFORM
Note: T
BRG= one baud rate generator period.
SDA
SCL
Set SSPIF at the end
Acknowledge sequence starts here,
Write to SSPCON2
ACKEN automatically cleared
Cleared in
T
BRG
T
BRG
of receive
ACK
8
ACKEN = 1, ACKDT = 0
D0
9
SSPIF
software
Set SSPIF at the end
of acknowledge sequence
Cleared in
software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com