Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 161Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 162Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 163Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 164Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 165Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 166Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 167Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 168Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 165
PIC17C7XX
15.2.14 STOP CONDITION TIMING
A stop bit is asserted on the SDA pin at the end of a
receive/transmit by setting the Stop Sequence Enable
bit PEN (SSPCON2<2>). At the end of a receive/trans-
mit the SCL line is held low after the falling edge of the
ninth clock. When the PEN bit is set, the master will
assert the SDA line low . When the SDA line is sam-
pled low, the baud rate generator is reloaded and
counts down to 0.
When the baud rate generator
times out, the SCL pin will be brought high, and one
TBRG (baud rate generator rollover count) later, the
SDA pin will be de-asserted. When the SDA pin is
sampled high while SCL is high, the P bit (SSP-
STAT<4>) is set. A TBRG later the PEN bit is cleared
and the SSPIF bit is set. (Figure 15-34)
Whenever the firmware decides to take control of the
bus, it will first determine if the bus is busy by checking
the S and P bits in the SSPSTAT register. If the bus is
busy, then the CPU can be interrupted (notified) when
a Stop bit is detected (i.e. bus is free).
15.2.14.1 WCOL STATUS FLAG
If the user writes the SSPBUF when a STOP
sequence is in progress, then WCOL is set and the
contents of the buffer are unchanged (the write doesn’t
occur).
FIGURE 15-34: STOP CONDITION RECEIVE OR TRANSMIT MODE
SCL
SDA
SDA asserted low before rising edge of clock
Write to SSPCON2
Set PEN
Falling edge of
SCL = 1 for T
BRG, followed by SDA = 1 for TBRG
9th clock
SCL brought high after T
BRG
Note: T
BRG = one baud rate generator period.
T
BRG
T
BRG
after SDA sampled high. P bit (SSPSTAT<4>) is set
T
BRG
to setup stop condition.
ACK
P
T
BRG
PEN bit (SSPCON2<2>) is cleared by
hardware and the SSPIF bit is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com