Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 163Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 164Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 165Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 166Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 167Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 168Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 169Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 170Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 167
PIC17C7XX
15.2.15 CLOCK ARBITRATION
Clock arbitration occurs when the master during any
receive, transmit, or repeated start/stop condition
de-asserts the SCL pin (SCL allowed to float high).
When the SCL pin is allowed to float high, the baud
rate generator (BRG) is suspended from counting until
the SCL pin is actually sampled high. When the SCL
pin is sampled high, the baud rate generator is
reloaded with the contents of SSPADD<6:0> and
begins counting. This ensures that the SCL high time
will always be at least one BRG rollover count in the
event that the clock is held low by an external device.
(Figure 15-36)
15.2.16 SLEEP OPERATION
While in sleep mode, the I2C module can receive
addresses or data, and when an address match or
complete byte transfer occurs wake the processor from
sleep ( if the SSP interrupt is enabled).
15.2.17 EFFECTS OF A RESET
A reset disables the SSP module and terminates the
current transfer.
FIGURE 15-36: CLOCK ARBITRATION TIMING IN MASTER TRANSMIT MODE
SCL
SDA
BRG overflow,
Release SCL,
If SCL = 1 Load BRG with
SSPADD<6:0>, and start count
BRG overflow occurs,
Release SCL, Slave device holds SCL low.
SCL = 1 BRG starts counting
clock high interval.
SCL line sampled once every machine cycle (Tosc • 4).
Hold off BRG until SCL is sampled high.
T
BRG
T
BRG
T
BRG
to measure high time interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com