Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  GP2021 Datasheet HTML 1Page - Mitel Networks Corporation GP2021 Datasheet HTML 2Page - Mitel Networks Corporation GP2021 Datasheet HTML 3Page - Mitel Networks Corporation GP2021 Datasheet HTML 4Page - Mitel Networks Corporation GP2021 Datasheet HTML 5Page - Mitel Networks Corporation GP2021 Datasheet HTML 6Page - Mitel Networks Corporation GP2021 Datasheet HTML 7Page - Mitel Networks Corporation GP2021 Datasheet HTML 8Page - Mitel Networks Corporation GP2021 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
The GP2021 is a 12 channel C/A code baseband
correlator for use in NAVSTAR GPS and GLONASS satellite
navigation receivers. The GP2021 complements the GP2015
and GP2010 C/A code RF downconverters available from
Mitel Semiconductor.
The GP2021 is compatible with most 16 bit and 32 bit
microprocessors, especially those from Motorola and Intel,
with additional on–chip support for the ARM60 32 bit RISC
processor. When the ARM60 is used, the on–chip memory
management functions allow implementation of a full GPS
receiver with minimal external logic.
The GP2021 allows individual channel de–activation, for
systems not requiring full 12 channel operation, to save power
and processor loading. Receiver power may be further
conserved by reducing the supply voltage to 2.2V under
battery backup. Although all system functions are disabled,
the 32.768kHz oscillator and Real Time Clock are maintained
for the microprocessor to estimate satellite visibility at power
on to reduce signal acquisition time.
A development system called the GPS Architect is
available as a basis for receiver design using the GP2021 and
associated products.
FEATURES
s 12 Fully Independent Correlation Channels
s 1PPS UTC Aligned Timing Output
s On–Chip Dual UART and Real Time Clock
s Compatible with most 16 and 32 bit Microprocessors
s Memory Control Logic for ARM60 Microprocessor
s Low Voltage, Low Current Power–Down Mode
s Power Dissipation 150mW Typical
s Compatible with GP2015 and GP2010 RF Front Ends
s Battery Backup Voltage 2.2V (min)
APPLICATIONS
s GPS Navigation Systems
s High Integrity Combined GPS–GLONASS Receivers
s GPS Geodetic Receivers
s Time Transfer Receivers
ORDERING INFORMATION
GP2021/IG/GQ1R
Fig.1 Pin connections - top view
GQ80
GP2021
PIN 1
PIN 1 IDENT
PIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
DESCRIPTION
MULTI_FN_IO
POWER _GOOD
NRESET_OP
NARMSYS
XIN
XOUT
TXA
TXB
RXA
RXB
NROM / NC
NEEPROM / NC
NSPARE_CS / NC
V
DD
V
SS
NRAM / BC
NW0 / NC
NW1 / NC
NW2 / NC
NW3 / NC
NRD / NC
ARM_ALE / NC
DBE / NC
ACCUM_INT
MEAS_INT
NBW / WRPROG
NMREQ / DISCIP2
NOPC / NINTELMOT
NRW / DISCIP3
MCLK / NC
ABORT / MICRO_CLK
DISCIO
A22 / READ
VDD
VSS
A21 / NCS
A20 / WREN
A9
A8
A7
DESCRIPTION
A6
A5
A4
A3
A2
A1 / ALE_IP
A0 / NRESET_IP
D0
D1
D2
D3
D4
D5
D6
V
DD
V
SS
D7
D8
D9
D10
D11
D12
D13
D14
D15
PLL_LOCK
VDD
DISCOP
V
SS
CLK_T
CLK_I
V
SS
SAMPCLK
V
DD
NBRAM / DISCIP4
SIGN0
MAG1
SIGN1
MAG1
DISCIP1
PIN
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
DS4077 - 2.6 July 1996
GP2021
GPS 12 channel Correlator
Advance Information
RELATED PRODUCTS
PART
DESCRIPTION
DATASHEET
REFERENCE
GP2015
GPS Receiver RF Front End
DS4374
– TQFP 48 package
GP2010
GlPS Receiver RF Front End
DS4056
– PQFP 44 package
DW9255
35.42MHz SAW Filter
DS3861
P60ARM
32 bit RISC Microprocessor
DS3553
GPS Architect
GPS 12 Channel
DS4004
Receiver Development System


Similar Part No. - GP2021

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP202 DEC-GP202 Datasheet
366Kb / 2P
2 AMP SOFT GLASS PASSIVATED DIODES
logo
GTM CORPORATION
GP202K GTM-GP202K Datasheet
167Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
logo
E-Tech Electronics LTD
GP202K ETL-GP202K Datasheet
173Kb / 2P
The GP202K is designed for ultra high speed switching.
More results

Similar Description - GP2021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCS38140PG05C MOTOROLA-MCS38140PG05C Datasheet
188Kb / 10P
GPS Digital Correlator
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
logo
Freescale Semiconductor...
MPC5121E FREESCALE-MPC5121E Datasheet
1Mb / 86P
Advance Information
logo
Motorola, Inc
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
Advance Information
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com