Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 42 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 42 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 38Page - Mitel Networks Corporation GP2021 Datasheet HTML 39Page - Mitel Networks Corporation GP2021 Datasheet HTML 40Page - Mitel Networks Corporation GP2021 Datasheet HTML 41Page - Mitel Networks Corporation GP2021 Datasheet HTML 42Page - Mitel Networks Corporation GP2021 Datasheet HTML 43Page - Mitel Networks Corporation GP2021 Datasheet HTML 44Page - Mitel Networks Corporation GP2021 Datasheet HTML 45Page - Mitel Networks Corporation GP2021 Datasheet HTML 46Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
42
GP2021
ELECTRICAL CHARACTERISTICS
T amb = –40
°C to 85 °C, V DD = 5V 10%. The input thresholds and output voltage limits for the logic signal pins are
tested and guaranteed by production test. All other parameters are guaranteed by characterisation and design. They apply within
the specified ambient temperature and supply voltage ranges unless otherwise stated.
Value
Characteristics
Symbol
Min
Typ
Max
Units
Conditions
Supply Current
I DD
22
mA
0 Channels enabled.
27
mA
4 Channels enabled.
32
mA
8 Channels enabled.
38
mA
12 Channels enabled.
20
150
µA
Power Down Mode
2.2V – 3.3V (Note 3)
50
500
µA
Power Down Mode 5.0V
(Note 3)
Battery backup Voltage
V BATT
2.2
V
Power Down Mode
All TTL Inputs, with and without
Pull–up or Pull–down Resistors:
type TTL
High level Input Voltage
2.0
V
Low level Input Voltage
0.8
V
Schmitt Trigger inputs Type ST1
Positive–going Threshold
VI +
1.9
2.3
V
V DD = 3V
Negative–going Threshold
VI –
0.8
1.2
V
V DD = 3V
Hysteresis
Vh
0.35
0.7
V
V DD = 3V
Schmitt Trigger inputs Type ST2
Positive–going Threshold
VI +
1.72
2.32
V
Negative–going Threshold
VI –
0.72
1.10
V
Hysteresis
Vh
0.3
0.62
V
Master clocks : type Diff
Note 2
Input Voltage High
0.8V DD
V
D.C. coupled
Input Voltage Low
0.2V DD
V
D.C. coupled
OR
D.C. coupled differential sinewave
(pk–pk)
130
mV
Mid point at nominal 4.3V
OR
Peak to Peak single sinewave
600
mV
AC coupled
Crystal Oscillator Type
XTLI, XTLO
Frequency Range
f osc
32
1000
kHz
Amplifier Transconductance
gm
220
550
2500
µA/V
Output Impedance
Z0
20
56
100
kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com