Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 3Page - Mitel Networks Corporation GP2021 Datasheet HTML 4Page - Mitel Networks Corporation GP2021 Datasheet HTML 5Page - Mitel Networks Corporation GP2021 Datasheet HTML 6Page - Mitel Networks Corporation GP2021 Datasheet HTML 7Page - Mitel Networks Corporation GP2021 Datasheet HTML 8Page - Mitel Networks Corporation GP2021 Datasheet HTML 9Page - Mitel Networks Corporation GP2021 Datasheet HTML 10Page - Mitel Networks Corporation GP2021 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
7
GP2021
Difference between Real and Complex_Input
Mode
The input mode is selected by theFRONT_END_MODE bit
in the SYSTEM_SETUP register. It defaults to Real_Input
mode at power up. The differences between Real and
Complex input mode are summarised in the following table.
Description
Real_Input mode
Complex_Input mode
Recommended Master clock frequency
40MHz
35MHz
GP2021 internal clocking 1
± 7
÷ 6
MICRO_CLK 2 output frequency
20MHz
17.5MHz
mark : space
1:1
1:1
Pin No 76
SIGN 0
SIGN_I
Pin No 77
MAG 0
MAG_I
Pin No 78
SIGN 1
SIGN_Q
Pin No 79
MAG 1
MAG_Q
Input Signal Sampling Rate
5.714MHz
5.833MHz
SAMPCLK output frequency
5.714MHz
Not available
mark : space
4:3
(held Low)
)
Notes.
1
The GP2021 interrupt and TIC timebase dividers are clocked by this resulting clock.
2
The MCLK output is derived from this signal. In ARM mode the phases of MCLK are stretched by the
Microprocessor Interface block.
FUNCTIONAL DESCRIPTION
The GP2021 incorporates a 12 Channel GPS Correlator,
together with microprocessor support functions including a
Dual UART, a Real Time Clock and Memory Control Logic for
the ARM60 microprocessor. It can be configured for either
ARM System mode or Standard Interface mode. A block
diagram of the GP2021 is shown in Fig. 3.
Whilst in ARM System mode the Memory Control Logic
allows an ARM60 microprocessor to interface with the
Correlator, Real Time Clock, Dual UART and a variety of
memory devices (i.e.
SRAM, EPROM, Flash and EEPROM), without the need for
external glue logic.
In Standard Interface mode the GP2021 allows most 16
and 32 bit microprocessors to interface with the Correlator,
Real Time Clock and Dual UART. More specifically, this mode
allows the interface to be configured for either Intel or Motorola
style microprocessor interfaces.
In the functional description which follows the correlator is
described first, followed by the peripheral functions.
SIGN, MAG
SAMPCLK
CLK_T, CLK_I
POWER_GOOD
PLL_LOCK
MICRO_CLK
NARMSYS
A<9:0>
NINTELMOT
WRPROG
12 CHANNEL
CORRELATOR
GPS
POWER &
RESET
CONTROL
DUAL UART
REAL – TIME
CLOCK
CONTROL BUS
DATA BUS
MICROPROCESSOR INTERFACE
ARM SYSTEM
STANDARD
INTERFACE
Fig. 3 : GP2021 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com