Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  GP2021 Datasheet HTML 1Page - Mitel Networks Corporation GP2021 Datasheet HTML 2Page - Mitel Networks Corporation GP2021 Datasheet HTML 3Page - Mitel Networks Corporation GP2021 Datasheet HTML 4Page - Mitel Networks Corporation GP2021 Datasheet HTML 5Page - Mitel Networks Corporation GP2021 Datasheet HTML 6Page - Mitel Networks Corporation GP2021 Datasheet HTML 7Page - Mitel Networks Corporation GP2021 Datasheet HTML 8Page - Mitel Networks Corporation GP2021 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
3
GP2021
Interrupts
23
Signal Path Delay (Introduced by Hardware Signal Processing)
23
Integrated Carrier Phase Measurement
23
Timemark Generation
24
GP2021 Register Map
25
Correlator Registers
26
Tracking Channel Registers
27
ACCUM_STATUS_A
28
ACCUM_STATUS_B
28
ACCUM_STATUS_C
28
CHx_ACCUM_RESET
29
CHx_CARRIER_CYCLE_COUNTER
29
CHx_CARRIER_CYCLE_HIGH
29
CHx_CARRIER_DCO_INCR_HIGH
29
CHx_CARRIER_DCO_PHASE
29
CHx_CODE_DCO_INCR_HIGH
30
CHx_CODE_DCO_PHASE
30
CHx_CODE_DCO_PRESET_PHASE
30
CHx_CODE_PHASE
30
CHx_CODE_SLEW
30
CHx_EPOCH_CHECK
31
CHx_EPOCH
31
CHx_EPOCH_COUNT_LOAD
31
CHx_I_TRACK, CHx_Q_TRACK, CHx_I_PROMPT,CHx_Q_PROMPT
31
CHx_SATCNTL
31
MEAS_STATUS_A
33
MULTI_CHANNEL_SELECT
33
PROG_ACCUM_INT
33
PROG_TIC_HIGH, PROG_TIC_LOW
34
RESET_CONTROL
34
STATUS
35
SYSTEM_SETUP
35
TEST_CONTROL
35
TIMEMARK_CONTROL
36
X_DCO_INCR_HIGH
37
Peripheral Functions Registers
37
Real Time Clock and Watchdog
37
RTC_LS, RTC_2ND, RTC_MS
37
CLOCK_RESET
37
WATCHDOG_RESET
37
DUART
38
CONFIG_A, CONFIG_B
38
STATUS_A, STATUS_B
38
RESET_A, RESET_B
38
TX_DATA_A, TX_DATA_B, RX_DATA_A, RX_DATA_B
38
TX_RATE_A, TX_RATE_B
39
System Control
39
WAIT_STATE
39
SYSTEM_CONFIG
39
SYSTEM_ERROR_STATUS
39
CHIP_REVISION
39
DATA_RETENT
40
General Control
40
IO_CONFIG
40
TEST_CONFIG
41
DATA_BUS_TEST
41
ABSOLUTE MAXIMUM RATINGS
41
Electrostatic Discharge Protection (ESD)
41
Crystal Specification
41
ELECTRICAL CHARACTERISTICS
42
PIN TYPES
44
TIMING CHARACTERISTICS
47
PACKAGE DETAILS
64
DETAILED DESCRIPTION OF REGISTERS
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com