Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 41 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 41 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 37Page - Mitel Networks Corporation GP2021 Datasheet HTML 38Page - Mitel Networks Corporation GP2021 Datasheet HTML 39Page - Mitel Networks Corporation GP2021 Datasheet HTML 40Page - Mitel Networks Corporation GP2021 Datasheet HTML 41Page - Mitel Networks Corporation GP2021 Datasheet HTML 42Page - Mitel Networks Corporation GP2021 Datasheet HTML 43Page - Mitel Networks Corporation GP2021 Datasheet HTML 44Page - Mitel Networks Corporation GP2021 Datasheet HTML 45Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
41
GP2021
MULTI_FN_IO_CONFIG: These 2 bits configure the
function of the MULTI_FN_IO input as follows:
Bits <9:8>
MULTI_FN_IO Function
00
Digital System Test Enable Input
01
TRIGGER Input
10
Discrete Input (See Description) /
Scan Clocks Input
11
Discrete Output
Master Reset sets bits 9 and 8 to Low.
MULTI_FN_IO as Digital System Test Enable Input:
Allows testing of the Digital Section of the System Board. In
this mode, when MULTI_FN_IO is High, the RXA pin replaces
the Differential Master Clock Inputs and the RXB pin acts as
an RTC Reset input. The PLL_LOCK Filter is also disabled.
For more information see the Digital System Test Mode
description.
MULTI_FN_IO as TRIGGER Input: The DEBUG function
is enabled if in ARM System mode and the MULTI_FN_IO pin
acts as the TRIGGER input to the DEBUG block. For more
information see the DEBUG Block Description.
MULTI_FN_IO as Discrete Input / Scan Clocks: In this
mode the pin has 2 functions: As a discrete input and as the
Scan Clocks Input for chip scan path testing. It should be noted
that the MULTI_FN_IO pin should only be used as a discrete
input with caution. Since the Master Reset default is for
MULTI_FN_IO to act as the Digital System Test Enable input
it must be guaranteed that anything driving this pin as a
discrete input must have a Low output until the IO_CONFIG
register can be written to and Discrete Input Mode enabled.
TEST_CONFIG (Write Address)
The TEST_CONFIG register is a 3 bit wide write–only
register which complements the TEST_CONTROL register of
the Correlator but contains chip test control bits for Peripheral
Functions. The register bit assignments are as follows:
Bit
Bit Name
10
RTC_TEST_COUNT
9
RTC_RESET_ENABLE
8
WDOG_RESET_DISABLE
RTC_TEST_COUNT : When set High this bit splits up the
24 bit counter of the RTC which counts seconds into a number
of 4 bit counters to allow easier chip testing. The 24 bit RTC
Counter is not Scan Path Testable. A Master Reset sets the
RTC_TEST_COUNT bit Low.
RTC_RESET_ENABLE: When set High this bit enables
the RXB pin to act as an RTC Reset input, which then resets
the RTC and Watchdog counters whenever RXB is taken high.
This function is intended for factory testing of the GP2021. A
Master Reset forces the RTC_RESET_ENABLE bit Low.
WDOG_RESET_DISABLE: When set High this bit inhibits
the production of System Resets from the Watchdog counter,
without disabling the Watchdog Counter itself. This function is
intended for Scan Path Testing of the Watchdog and RTC
Counters.
A
Master
Reset
forces
the
WDOG_RESET_DISABLE bit Low.
DATA_BUS_TEST
(Write / Read Address)
This is a 16 bit read/write register, whose function is to allow
a simple test of the 16 bit wide data bus to be performed, by
writing a 16 bit number and by checking that the same value
can be read back.
ABSOLUTE MAXIMUM RATINGS
These are not the operating conditions, but are the absolute limits which if exceeded, even momentarily, may cause
permanent damage.
To ensure sustained correct operation the device should be used within the limits given under Electrical Characteristics.
It is essential for bothV DD and V SS to be present before input signals are applied.
Supply Voltage (V DD ) from ground (V SS ):
–0.3 to+6.0V
Input Voltage (any input pin):
V
SS –0.3V to V DD + 0.3V
Output Voltage (any output pin):
V
SS –0.3V to V DD +0.3V
Storage Temperature:
–55
°C to +150°C
Electrostatic Discharge Protection (ESD)
The device is able to withstand an electrostatic discharge level of 2kV from 100pF through 1500 between any two pins in either polarity
(MIL. Std. 883 Human body model).
Crystal Specification
Frequency:
32.768kHz
Temperature range:
–40
ϒC to +85ϒC
Series resistance:
50k
Ω
Ω typ, 100Ω max
Load capacitance:
10pF typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com