Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 50 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 50 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 46Page - Mitel Networks Corporation GP2021 Datasheet HTML 47Page - Mitel Networks Corporation GP2021 Datasheet HTML 48Page - Mitel Networks Corporation GP2021 Datasheet HTML 49Page - Mitel Networks Corporation GP2021 Datasheet HTML 50Page - Mitel Networks Corporation GP2021 Datasheet HTML 51Page - Mitel Networks Corporation GP2021 Datasheet HTML 52Page - Mitel Networks Corporation GP2021 Datasheet HTML 53Page - Mitel Networks Corporation GP2021 Datasheet HTML 54Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
50
GP2021
MCLK
DBE
D<15:0>
A<22:20>
NEEPROM/NSPARE_CS
NW
ARM data
dbHnwH
nwHdbL
adVneeL
neeLnwL
neeL
nwL
nwH
A<9:0>
EEPROM/SPARE data
D<15:0>
NRD
MCLK
NEEPROM/NSPARE_CS
A<22:20>
DBE
neeLmcL
nrdLmcL
adVneeL
nrdHdbH
mcLnrdH
A<9:0>
Fig. 27 : ARM Mode RAM Read
Description
Symbol
Min
Max
Units
NEEPROM Low
τ
neeL
348
ns
NEEPROM Low to NW0–3
τ
neeLnwL
11
ns
NW0–3 Low
τ
nwL 1
50
ns
NW0–3 High
τ
nwH
200
ns
DBE High to NW0–3 High
τ
dbHnwH
150
ns
NW0–3 High to DBE Low
τ
nwHdbL
168
ns
Address Valid to NEEPROM Low
τ
adVneeL
2.5
9
ns
Fig. 27 : ARM Mode RAM Read
Description
Symbol
Min
Max
Units
Notes
NEEPROM Low to MCLK Low
τ
neeLmc
L
124.5
ns
1
NRD Low to MCLK Low
τ
nrdLmcL
117
ns
1
NRD High to DBE High
τ
nrdHdbH
65
ns
MCLK Low to NRD High
τ
mcLnrdH
2.5
10
ns
Address Valid to NEEPROM Low
τ
adVneeL
2.5
9
ns
Note: 1. +50ns / extra wait state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com