Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 54 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 54 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 50Page - Mitel Networks Corporation GP2021 Datasheet HTML 51Page - Mitel Networks Corporation GP2021 Datasheet HTML 52Page - Mitel Networks Corporation GP2021 Datasheet HTML 53Page - Mitel Networks Corporation GP2021 Datasheet HTML 54Page - Mitel Networks Corporation GP2021 Datasheet HTML 55Page - Mitel Networks Corporation GP2021 Datasheet HTML 56Page - Mitel Networks Corporation GP2021 Datasheet HTML 57Page - Mitel Networks Corporation GP2021 Datasheet HTML 58Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
54
GP2021
Timing Parameter Description
Symbol
Min
Max
Units
Notes
Address Valid to READ and NCS Low setup time
τ
adVrcL
9ns
READ or NCS High to Address Invalid hold time
τ
rcHadI
10
ns
READ and NCS Low to Data Valid propagation delay
τ
rcLdaV
44
ns
1
READ or NCS High to Data High Impedance
τ
rcHdaZ
423
ns
Notes: 1 The Data Out Propagation delay is for a Data Bus load of 50pF.
READ
NCS
ALE_IP
A<9:2>
D<15:0>
adLrcL
ADDRESS
VALID
DATA
VALID
rcLdaV
rcHdaZ
(HIGH)
D<15:0>
WREN
(HIGH)
rcHadI
Fig. 35 : Intel 186 mode read with ALE_IP tied High (NARMSYS + 1, NINTELMOT = 0, WRPROG = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com