Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 32 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 32 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 28Page - Mitel Networks Corporation GP2021 Datasheet HTML 29Page - Mitel Networks Corporation GP2021 Datasheet HTML 30Page - Mitel Networks Corporation GP2021 Datasheet HTML 31Page - Mitel Networks Corporation GP2021 Datasheet HTML 32Page - Mitel Networks Corporation GP2021 Datasheet HTML 33Page - Mitel Networks Corporation GP2021 Datasheet HTML 34Page - Mitel Networks Corporation GP2021 Datasheet HTML 35Page - Mitel Networks Corporation GP2021 Datasheet HTML 36Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
32
GP2021
GPS PRN
BIT SETTING
GPS PRN
BIT SETTING
Signal No
9 to 0
Signal No
9 to 0
1
3F6H
24
338H
2
3ECH
25
27OH
3
3D8H
26
OEDH
4
3BOH
27
1COH
5
04BH
28
38OH
6
096H
29
22BH
7
2CBH
30
056H
8
196H
31
OACH
9
32CH
32
158H
10
3BAH
33
2BOH
11
374H
34*
058H
12
1DOH
35
18BH
13
3AOH
36
316H
14
340H
37*
058H
15
280H
201 GIC
2C4H
16
100H1
202 GIC
10AH
17
113H
205 GIC
3E3H
18
226H
206 GIC
OF8H
19
04CH
207 GIC
25FH
20
098H
208 GIC
1E7H
21
130H
209 GIC
2B5H
22
260H
211 GIC
10EH
23
267H
CHx_I_TRACK,
CHx_Q_TRACK,
CHx_I_PROMPT,
CHx_Q_PROMPT
(Read Address)
Bits 15 to 0: Accumulated Data registers, which are used on
each DUMP to store the 16–bit Integrate–and–Dump
accumulator results. The values contained in the registers are
2’s complement values with the valid range of the data from
–2 15 to +(2 15 –1).
These registers are read–only registers which can be
read at any time. Their content is not protected by any
overwrite protection mechanism, so the set of four registers
must be read soon after a ACCUM_INT to be sure that newer
data will not cause an overwrite part way through the set. The
CHx_I_PROMPT and CHx_Q_PROMPT contain the
Accumulated Data from the Prompt arm. The CHx_I_TRACK
and CHx_Q_TRACK contain the Accumulated Data from the
Tracking arm.
To track satellites correctly, only data read with the
CHx_NEW_ACCUM_DATA bit set High should be used. An
overflow or underflow condition cannot be reached.
CHx_SATCNTL,
MULTI_ SATCNTL,
ALL_SATCNTL
(Write Address)
Bit
Bit Name
15
GPS_NGLON
14 to 13
TRACK_SEL
12
PRESET/UPDATEB
11
CODE_OFF/ONB
10
SOURCESEL
9 to 0
G2_LOAD (9 to 0)
CHx_SATCNTL is a write–only register that can be
written into at any time. Any modification to the content is
effective at the next DUMP in UPDATE mode or at the next
TIC in PRESET mode for all bits, apart from PRESET
UPDATEB,which defines whether a channel is in PRESET or
UPDATE mode. It is important to program this register first
when starting the initialisation of a PRESET sequence to get
the channel into PRESET mode, or the other write operations
will act too soon.
G2_LOAD (9 to 0), bits 9 to 0: C/A CODE SELECTION
FUNCTION: The CHx_SATCNTL register programs the
CODE GENERATOR by setting the G2 register to the
appropriate starting pattern to generate the required GPS or
INMARSAT–GIC codes. The G2_LOAD register may be
programmed at any time but the value is only used when the
code sequence restarts, at the following DUMP in UPDATE
mode, or at the following TIC in PRESET mode. The pattern
to load is the register state for the time of the second code
chip. The following table shows the values required to select
one of the 37 GPS or the 8 INMARSAT–GIC possible PRN
(Pseudo Random Noise) patterns.
In UPDATE mode, the C/A code generated by the CODE
GENERATOR will be changed at the DUMP following the
write to CHx_SATCNTL and at this DUMP the Accumulated
Data will be valid for the previous code selection. Later
DUMPs will be valid for the new code.
If all zeros are loaded into the G2 register it will not clock
out, and the G1 generator code will be seen on the output. This
is an illegal state which is only of use for chip testing.
PRN sequences 201 to 211 are selected for INMARSAT
GIC (GPS Integrity Channel) use.Due to the initialisation of
the Early–Prompt–Late shift register, all codes will always
start with a ”1” for the first bit of the sequence after a Code
change or a Code Slew. Subsequent cycles of the PRN
sequence will be correct for the chosen satellite.
SOURCESEL, bit 10: Selects which input source to be
used by the channel when in Real_Input mode. Low selects
SIGN0 and MAG0, High selects SIGN1 and MAG1.
CODE_OFF/ONB, bit 11: When Low, the code is output
normally, but when High, the Prompt, Early and Late codes
are held High (code mixer outputs exactly follow inputs) and
the Early–minus–late code is held LOW. This is intended for
test purposes only.
PRESET/UPDATEB, bit 12: When High sets the channel
into Preset mode, or when Low, sets the channel into Update
mode. This bit is cleared to Low after the Preset function has
been done, that is after the first TIC following the loading of the
Epoch counters.
TRACK_SEL (1 and 0), bits 14 and 13: Select the
appropriate code to be produced by the Tracking arm output
of the code generator as follows:
Table 9 : G2 LOAD settings required for satellite selection.
*C/A Codes 34 and 37 are equivalent.
Notes: PRN sequences 33 to 37 are reserved for non–satellite
uses (e.g. ground transmitters).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com