Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 20 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 20 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 16Page - Mitel Networks Corporation GP2021 Datasheet HTML 17Page - Mitel Networks Corporation GP2021 Datasheet HTML 18Page - Mitel Networks Corporation GP2021 Datasheet HTML 19Page - Mitel Networks Corporation GP2021 Datasheet HTML 20Page - Mitel Networks Corporation GP2021 Datasheet HTML 21Page - Mitel Networks Corporation GP2021 Datasheet HTML 22Page - Mitel Networks Corporation GP2021 Datasheet HTML 23Page - Mitel Networks Corporation GP2021 Datasheet HTML 24Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
20
GP2021
Fig.19 Correlator write and read cycles
20MHz
INTERNAL
CLOCK
MCLK
ARM_ALE
DBE
NRW
INTERNAL
WRITE
INTERNAL
READ
A<22:20>, A<9:0>
D<15:0>
VALID
VALID
NOTE: NBW is High and NMREQ Low
VALID
Debug (Abort) Function
This is a feature designed to aid debugging and functions
as follows:–
In ARM System Mode, the MULTI_FN_IO pin can be
configured as a TRIGGER input to the Debug block via the
IO_CONFIG register (see Detailed Description of Registers).
In this mode a rising edge at the MULTI_FN_IO pin will
generate a valid ARM data Abort sequence at the ABORT pin
as shown in Fig. 20.
Standard Interface Mode
This mode allows the GP2021 to be interfaced to most
standard 16 and 32 bit microprocessors as shown in Fig. 21.
No memory control is provided, so external glue logic may be
required in order to interface the microprocessor to memory.
ABORT
MCLK
MULTI_FN_IO
NOPC
NMREQ
Fig.20 Debug (Abort) Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com