Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 36 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 36 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 32Page - Mitel Networks Corporation GP2021 Datasheet HTML 33Page - Mitel Networks Corporation GP2021 Datasheet HTML 34Page - Mitel Networks Corporation GP2021 Datasheet HTML 35Page - Mitel Networks Corporation GP2021 Datasheet HTML 36Page - Mitel Networks Corporation GP2021 Datasheet HTML 37Page - Mitel Networks Corporation GP2021 Datasheet HTML 38Page - Mitel Networks Corporation GP2021 Datasheet HTML 39Page - Mitel Networks Corporation GP2021 Datasheet HTML 40Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
36
GP2021
FRONT_END_MODE: Selects either Real_Input mode
when Low or Complex_Input mode when High. Master reset
forces FRONT_END_MODE to Low.
INTERRUPT_ENABLE: When set Low the effect of the
ACCUM_INT and MEAS_INT interrupts are disabled
(masked) and when set High both are enabled. Master reset
forces INTERRUPT_ENABLE to Low.
Bits 4 to 1 The signal provided on the DISCOP pin can be
selected according to Table 14.
CARRIER_MIX_DISABLE: When High the Carrier
mixers are all driven by a fixed ‘+1’ level on the Carrier DCO
input port, so that the input data is passed unaltered to the
Code
mixer.
Master
reset
forces
the
CARRIER_MIX_DISABLE bit to Low.
TEST_CONTROL
(Write Address)
Bit
Bit Name
15 to 12 Not Used
11 to 9
PATH_SEL<2:0>
8 EN_SCANPATH
7 Not Used
6 TEST_CACODES
5 TEST_DATA
4 TEST_SOURCE
3 TM_TEST
2 FE_TEST
1 EN_DUMMYTICS
0 EN_DUMMYDUMP
This register is purely to enable various test modes. A
Master Reset will set all bits to Low, giving normal operation.
EN_DUMMYDUMP: When High, this bit changes the
function of the NOPC/NINTELMOT input pin to be a
DUMMYDUMP input, and if in Standard Interface Mode it also
forces the microprocessor mode to Motorola. A
DUMMYDUMP will operate in the same way as a normal
DUMP (reset all of the code generators and transfer the
contents of all integrators into the Accumulated Data
registers). Each Low to High transition of NOPC/NINTELMOT
will cause a DUMMYDUMP and if NOPC/NINTELMOT is
already High when EN_DUMMYDUMP is set, one will also
occur immediately. Selecting Dummy dump mode does not
inhibit normal DUMP events. The NOPC/NINTELMOT pin
must be held High for at least 200 ns for each DUMMYDUMP.
EN_DUMMYTICS: When High this bit changes the
function of the DISCIP input pin to a DUMMYTIC input. This
replaces the TIC from the timebase generator so that a TIC
effect will only occur when there is a Low to High transition on
DISCIP, to latch new Measurement Data. The DISCIP pin
must be held High for at least 200 ns for each DUMMYTIC.
FE_TEST: When High this test control forces the SIGN
input to channel 11 and the MAG input to channel 5 both to
Low. This allows the evaluation of the front_end SIGN (on
channel 5) and MAG (on channel 11) duty cycles. The Front
end to be tested is selected by the SOURCESEL bits in
CH5_SATCNTL and CH11_SATCNTL.
To get the SIGN and MAG count correctly into the
accumulators, both the carrier and code mixers must be made
transparent.
The carrier mixing may be disabled by either: (1) Setting
CARRIER_MIX_DISABLE (bit 0 in SYSTEM_SETUP) to High
to force a +1 on the Carrier DCO inputs to all channels or, (2)
If continued position finding is required from the other
channels during the test, by setting CH5_ and
CH11_CARRIER_DCO_INCR to all 0’s, to give a constant
level (zero frequency). This level should be set to a known
value by putting channels 5 and 11 briefly into the reset state
(by using RESET_CONTROL register bits 6 and 12) during
the time their Carrier DCO’s are programmed to zero
frequency. This reset forces the phase to all 0’s and hence the
drives to the Prompt In–phase mixer to a fixed +1 and not a
randomly selected –2, –1, +1, or +2 that would result from just
setting the frequency.
The C/A code mixing must be disabled by setting
CODE_OFF/ONB
(bits
11
in
both
CH5_
and
CH11_SATCNTL) to High. However, as the period of the
count is set by the DUMPs from the Code Generator, the DCO
clock to the Code Generator must be set to the required
frequency by programming the Code DCO even though the
code output is disabled. A typical value is the frequency for the
nominal code chipping rate, so that the SIGN and MAG counts
are over a millisecond.
The results of monitoring the Front–end of the receiver
may be used for fault diagnosis and also for tuning the
parameters in the software for optimum satellite tracking with
the particular Front–end or SIGN/MAG duty cycle.
To find the duty cycle of the SIGN signal, channel 5 is
used. The In–phase accumulator CH5_I_PROMPT will add
+1 for each SIGN sample at High and will add –1 for each
SIGN sample at Low, so if the duty cycle is correct at 50%, the
sum will always be close to zero and only differ by the
imbalance of sampling at the beginning and end of the
integration period.
The duty cycle may be calculated as follows:
N = Total No of samples in integration period.
N SIGN1 = Total No of samples for which SIGN was
High.
N SIGN0 = Total No of samples for which SIGN was
Low.
ACC5 = Total value in the CH5_I_PROMPT
accumulator, as read after a DUMP.
N = N SIGN1 + N SIGN0 ,
ACC5 = N SIGN1 – N SIGN0
SIGN duty cycle = R S = N SIGN1 / N = (N + ACC5) / 2N
(nominally 0.50)
Bit
Signal On
DISCOP output
43
2
1
0
0
0
0
0 (Reset condition)
00
0
1
1
0
1
0
X
Timemark
0
X
1
X
Ch0 DUMP
1
X
X
X
100kHz Square wave
Table 10: TRACK_SEL bit settings for Tracking arm
code selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com