Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 34 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 34 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 30Page - Mitel Networks Corporation GP2021 Datasheet HTML 31Page - Mitel Networks Corporation GP2021 Datasheet HTML 32Page - Mitel Networks Corporation GP2021 Datasheet HTML 33Page - Mitel Networks Corporation GP2021 Datasheet HTML 34Page - Mitel Networks Corporation GP2021 Datasheet HTML 35Page - Mitel Networks Corporation GP2021 Datasheet HTML 36Page - Mitel Networks Corporation GP2021 Datasheet HTML 37Page - Mitel Networks Corporation GP2021 Datasheet HTML 38Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
34
GP2021
28.571429ns) for Complex_Input mode. The value stored in
the preset register can be modified in one of two ways: Either
by
toggling
the
INTERRUPT_PERIOD
or
FRONT_END_MODE bits of the SYSTEM_SETUP register,
or by writing to the PROG_ACCUM_INT location. Either of
these actions will overwrite the previous contents of the preset
value and either one or both methods may be used. If the
Interrupt Counter detects an edge on either the
INTERRUPT_PERIOD or FRONT_END_MODE bits it will
load one of four values in to the preset register, depending
upon the new value of both INTERRUPT_PERIOD and
FRONT_END_MODE. These four presets are as shown in
Table 12.
The value for INTERRUPT_PERIOD = Low and
FRONT_END_MODE = Low is also that loaded on a Master
Reset. Alternatively the ACCUM_INT counter may be loaded
by writing direct to the PROG_ACCUM_INT location. In this
case the new ACCUM_INT period is as follows:
ACCUM_INT Period = (PROG_ACCUM_INT + 1) * 7 (40MHZ)
(Real Input mode)
ACCUM_INT Period = (PROG_ACCUM_INT + 1) * 6 (35MHz)
(Complex Input mode)
PROG_TIC_HIGH,
PROG_TIC_LOW
(Write Address)
PROG_TIC_HIGH Bits 4 to 0: More significant 5 bits of
the TIC counter division ratio when programmed before a
PROG_TIC_LOW.
PROG_TIC_LOW Bits 15 to 0: Least significant 16 bits of the
TIC counter division ratio.
The PROG_TIC_HIGH and PROG_TIC_LOW register
locations
operate
in
conjunction
with
the
FRONT_END_MODE bit of the SYSTEM_SETUP register to
set the period of TIC. TIC is generated by a 21 bit binary down
counter when it reaches zero. It then loads to a preset value
stored in its preset register and starts to count down again. If
the preset value is P, the count sequence is P, P–1, P–2, ...,
1, 0, P, P–1. Hence, the counter divides by P+1 producing an
output with a period of (P+1) * clock period. Since the TIC
counter is clocked by the multi–phase clock, the clock period
is either 7 * clock period (nominally 40MHz i.e. 25ns) for
Real_Input mode or 6 * clock period (nominally 35MHz i.e.
28.571429ns) for Complex_Input mode. The value stored in
the preset register can be modified in one of two ways: Either
by
toggling
the
FRONT_END_MODE
bit
of
the
SYSTEM_SETUP register, switching into Complex_Input
mode, or by writing to the PROG_TIC_HIGH/_LOW locations.
Either of these actions will overwrite the previous contents of
the preset value. If the TIC Counter detects an edge on the
FRONT_END_MODE bit it will load one of two values into the
preset register, depending upon its new value. These two
presets are as shown in Table 13.
The value for FRONT_END_MODE = Low is also that
loaded on a Master Reset. Alternatively, the TIC counter may
be loaded by writing directly to the PROG_TIC locations. This
may be achieved in one of two ways: Either the
PROG_TIC_HIGH value can be written, followed by the
PROG_TIC_LOW value, (at which point the full 21 bits are
transferred
to
the
preset
register),
or
just
the
PROG_TIC_LOW value may be written to modify the lower 16
bits of the preset value. It should be noted that in the former
case, the top 5 bits programmed as PROG_TIC_HIGH are
stored locally to the TIC counter and even if a write to
PROG_TIC_LOW does not directly follow the write to
PROG_TIC_HIGH, the next PROG_TIC_LOW write will still
transfer all 21 bits. It is also necessary to ensure that the write
to
PROG_TIC_HIGH
precedes
the
write
to
PROG_TIC_LOW, rather than follows it. One further point to
note is that the transfer of data to the TIC counter data latches
occurs under control of the multi–phase clock write cycle and
the write to the preset register happens subsequent to the
main internal write. To ensure correct operation, a write to
SYSTEM_SETUP, toggling the FRONT_END_MODE bit
should not be directly preceded or followed by a write to
PROG_TIC_LOW. In addition to the 300ns delay normally
required between write cycles, a further 100ns delay is
required between these two types of writes. A write to
SYSTEM_SETUP toggling the FRONT_END_MODE bit
followed directly by a PROG_TIC_HIGH / PROG_TIC_LOW
sequence is permissible, since the write to PROG_TIC_HIGH
does not instigate a change of the preset register contents
within the TIC counter.
Using the PROG_TIC write locations the TIC period is as
follows:
TIC Period
= ((PROG_TIC_HIGH * 65536) +
(Real_Input)
PROG_TIC_LOW+1)*7/(40MHZ)
TIC Period
= ((PROG_TIC_HIGH * 65536) +
(Complex_Input)
PROG_TIC_LOW+1) * 6/(35MHZ)
Table 12: ACCUM_INT Period settings
FRONT_END_MODE
INTERRUPT_PERIOD
Preset
ACCUM_INT Period
(In SYSTEM_SETUP)
(in SYSTEM_SETUP)
Low (Real_Input mode)
Low
0x0B45
(2885+1)* (7/40MHz) = 505.0500
µs
Low (Real_Input mode)
High
0x1313
(4883+1)* (7/40MHz) = 854.70000
µs
High (Complex_Input mode)
Low
0x0B81
(2945+1)* (6/35MHz) = 505.02857
µs
High (Complex_Input mode)
High
0x1379
(4985+1)* (6/35MHz) = 854.74286
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com