Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 48 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 48 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 44Page - Mitel Networks Corporation GP2021 Datasheet HTML 45Page - Mitel Networks Corporation GP2021 Datasheet HTML 46Page - Mitel Networks Corporation GP2021 Datasheet HTML 47Page - Mitel Networks Corporation GP2021 Datasheet HTML 48Page - Mitel Networks Corporation GP2021 Datasheet HTML 49Page - Mitel Networks Corporation GP2021 Datasheet HTML 50Page - Mitel Networks Corporation GP2021 Datasheet HTML 51Page - Mitel Networks Corporation GP2021 Datasheet HTML 52Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
48
GP2021
MCLK
DBE
D<15:0>
A<22:20>
NRAM
NRD
RAM data
adVnraL
nraLmcL
nrdLmcL
nrdHdbH
mcLnrdH
RAM Read Cycle
Fig. 27 : ARM Mode RAM Read
Description
Symbol
Min
Max
Units
NRAM Low to MCLK Low
τ
nraLmcL
29
45
ns
NRD Low to MCLK Low
τ
nrdLmc
L
16.5
23
ns
NRD High to DBE High
τ
nrdHdbH
15.5
22.5
ns
MCLK Low to NRD High
τ
mcLnrdH
2.5
11.5
ns
Address Valid to NRAM Low
τ
adVnraL
28
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com