Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 13Page - Mitel Networks Corporation GP2021 Datasheet HTML 14Page - Mitel Networks Corporation GP2021 Datasheet HTML 15Page - Mitel Networks Corporation GP2021 Datasheet HTML 16Page - Mitel Networks Corporation GP2021 Datasheet HTML 17Page - Mitel Networks Corporation GP2021 Datasheet HTML 18Page - Mitel Networks Corporation GP2021 Datasheet HTML 19Page - Mitel Networks Corporation GP2021 Datasheet HTML 20Page - Mitel Networks Corporation GP2021 Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
17
GP2021
ARM System Mode
ARM System Mode, as shown in Fig 14, allows the
GP2021 to be interfaced with an ARM60 microprocessor and
external memory devices (i.e RAM, ROM, EEPROM,
EPROM, Flash) without the need for external glue logic.
Address Map
Both the GP2021 and external memory devices are
memory mapped into 1 Mbyte segments by A<22:20> as
shown in Table 7.
Decoded
A22
A21
A20
Device selected
output
pin
0
0
0
ROM
NROM
0
0
1
RAM
NRAM
0
1
0
Correlator
0
1
1
Support functions
1
0
0
EEPROM
NEEPROM
1
0
1
User defined
NSPARE_CS
1
1
0
Not Decoded
1
1
1
Not Decoded
Table 7 ARM system map
Control Signals
The GP2021 uses the ARM60 control signals NBW,
NMREQ and NRW to generate the processor clock MCLK and
the control signals ARM_ALE and DBE to match the timing
requirements of the various memory devices .
The memory interface is via the memory chip select lines
( NRAM, NEEPROM, NROM and NSPARE_CS) , the Read
line (NRD) and the byte write select outputs ( NW<3:0> ).
ARM System Timing
The GP2021 timing diagrams for each of the memory
interfaces ( EEPROM, RAM, ROM, SPARE), and ARM60
areshown in the section Electrical Characteristics.
Wait State Generation
To allow access to slow peripherals or memory, the clock
(MCLK) to the ARM60 microprocessor may be stretched in
either Phase 1 (Low) or Phase 2 (High), thus allowing wait
states to be introduced (where a wait state is defined as being
one MCLK period long).
The GP2021 introduces one wait state for accesses to the
Real Time Clock, Dual UART and System Control registers,
as shown in Fig 15. Correlator accesses, as shown in Fig 19
incur one wait state; subsequent accesses being prevented
from contravening the Correlator requirements (see
Correlator Functional Description) by adding several wait
states.
In order to ensure compatibility with variety of memory
devices, the ROM interface is programmable with between
one to three wait states, while the EEPROM and SPARE
interfaces can be programmed with between three to six wait
states via the Wait State Register. For further information on
the Wait State Register, refer to Detailed Description of
Registers. Read and write cycles for the RAM, EEPROM (or
Spare) and ROM interfaces are shown in Figs 16–18.
During a read cycle from Flash Memory, the output disable
to data bus release time, could be greater than 25 ns. Hence
in order to avoid bus contention, the nominal period of MCLK
is stretched by 25 ns during the following cycle.
The ARM60 is able to perform either byte or word ( 4 bytes
wide) writes to memory. All registers within the GP2021 are
word aligned, with only write accesses to external RAM being
either byte or word aligned. The signal NBW is used to indicate
either a byte or word write request, with A<1:0> performing
byte selection.
Decoding of NBW and A<1:0> is performed by the
Microprocessor Interface, with NW<3:0> being the byte write
select outputs to memory. During a word write all four of the
outputs NW<3:0> will be active.
Note that the register addresses for the Correlator and
Support Functions are as shown in the GP2021 Register Map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com