Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 47 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 47 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 43Page - Mitel Networks Corporation GP2021 Datasheet HTML 44Page - Mitel Networks Corporation GP2021 Datasheet HTML 45Page - Mitel Networks Corporation GP2021 Datasheet HTML 46Page - Mitel Networks Corporation GP2021 Datasheet HTML 47Page - Mitel Networks Corporation GP2021 Datasheet HTML 48Page - Mitel Networks Corporation GP2021 Datasheet HTML 49Page - Mitel Networks Corporation GP2021 Datasheet HTML 50Page - Mitel Networks Corporation GP2021 Datasheet HTML 51Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
47
GP2021
MCLK
DBE
A<22:20>
ARM internal
ARM_ALE
D<15:0>
mcHalL
mcHdbH
mcLdbL
VALID
VALID
VALID
Address
mcLalH
A<9:0>
Fig. 25 :GP2021 - ARM60 Interfsce
Description
Symbol
Min
Max
Units
MCLK Low to ALE High
τ
mcLaIH
–0.5
0
ns
MCLK High to ALE Low
τ
mcHaIL
0
0.5
ns
MCLK Low to DBE Low
τ
mcLdbL
0.5
1.5
ns
MCLK High to DBE High
τ
mcHdbH
0.5
1.5
ns
MCLK
DBE
D<15:0>
A<22:20>
NRAM
NW
ARM data
adVnraL
mcLnwH
dbHnwH
nraLnwH
nwL
Fig. 26 :ARM Mode RAM Write
Description
Symbol
Min
Max
Units
NRAM Low to NW0–3 High
τ
nraLnwH
32
46
ns
MCLK Low to NW0–3 High
τ
mcLnwH
0.5
3
ns
DBE High to NW0–3 High
τ
dbHnwH
25
27
ns
NW0–3 Low
τ
nwL
22
24.5
ns
Address Valid to NRAM Low
τ
adVnraL
29
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com