Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 27 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 27 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 23Page - Mitel Networks Corporation GP2021 Datasheet HTML 24Page - Mitel Networks Corporation GP2021 Datasheet HTML 25Page - Mitel Networks Corporation GP2021 Datasheet HTML 26Page - Mitel Networks Corporation GP2021 Datasheet HTML 27Page - Mitel Networks Corporation GP2021 Datasheet HTML 28Page - Mitel Networks Corporation GP2021 Datasheet HTML 29Page - Mitel Networks Corporation GP2021 Datasheet HTML 30Page - Mitel Networks Corporation GP2021 Datasheet HTML 31Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
27
GP2021
NOTE: The registers labelled * (the CODE_PHASE_COUNTER and CARRIER_CYCLE_CONTROL) can only be written
to if ‘Test’ mode has been selected by setting bit 3 of the TEST CONTROL register to High.
In both the ACCUM and CNTL sections there are some
addresses labelled ALL or MULTI in place of CHx. Writing to
these addresses will write to all channels or to a selection set
by MULTI_CHANNEL_SELECT in one operation and so may
be used to initialise the system quickly or to load the next
search settings with little bus use. This is a write only function
and the corresponding CHx read functions are not available
at addresses labelled ALL or MULTI.
It can be seen that the addresses in CNTL are used to
control the device in write mode but give the Measurement
Data when in read mode.
Apart from the Code and Carrier DCO increment values
all data transfers are only 16 bit wide. Writes to the Code and
Carrier DCO’s are 32 bit data transfers where the _HIGH word
should be written first and will be retained in the 16 to 32 bit
interface until the _LOW word is written, which must occur as
the next write to the chip. All 32 bits will then be transferred into
the DCO increment register. Data is written to an input buffer
in the 16 to 32 bit interface and will be transferred to its
destination register during the next full cycle of the 7 (or 6)
phase clock. Write cycles should therefore have a period of at
least 300 ns. The X_DCO_INCR_HIGH may be used to write
the high bits of the increment number to any or all DCO’s as
an
alternative
to
using
the
CHx_CODE
CARRIER_DCO_INCR– _HIGH addresses. By using this
address, there is no need to wait 300ns before writing the
_LOW part. For further information refer to General Interface
Timing in Microprocessor Interface section.
The bit assignments for the Correlator registers are given
below, but two write–only registers do not have any data bits,
these are:
(1) A write to the CHx_ACCUM_RESET register (irrespective
of what data is written) will reset the ACCUM_STATUS_A,
ACCUM_STATUS_B, and ACCUM_STATUS_C registers for
that channel.
(2) A write to the STATUS register (irrespective of what data
is written) will latch the state of the various status flags into
ACCUM_STATUS_A,
ACCUM_STATUS_B,
ACCUM_STATUS_C
Registers for all channels. This allows a polling based rather
than Interrupt driven tracking scheme.
The registers are listed in alphabetical order and not in
address order to allow easy reference to each section. Unless
otherwise stated the LSB is bit 0 and the MSB is bit 15 or as
far up the register as there is data. Note that most registers do
not have both read and write functions, and many addresses
are shared between read–only and write–only registers
having different functions.
ADDRESS (Hex)
WRITE FUNCTION
READ FUNCTION
ARM SYSTEM
STANDARD
MODE
INTERFACE
MODE
200
80
STATUS
ACCUM_STATUS_C
204
81
not used
MEAS_STATUS_A
208
82
not used
ACCUM_STATUS_A
20C
83
not used
ACCUM_STATUS_B
ADDRESS (Hex)
WRITE FUNCTION
READ FUNCTION
ARM MODE
STANDARD
SYSTEM
INTERFACE
MODE
CNTL
+ 00
CNTL
+ 0
SATCNTL
CODE_SLEW
+ 04
+ 1
CODE PHASE COUNTER*
CODE_PHASE
+ 08
+ 2
CARRIER_CYCLE_COUNTER*
CARRIER_CYCLE_LOW
+ 0C
+ 3
CARRIER_DCO_INCR_HIGH
CARRIER_DCO_PHASE
+ 10
+ 4
CARRIER_DCO_INCR_LOW
EPOCH (Latched0
+ 14
+ 5
CODE_DCO_INCR_HIGH
CODE_DCO_PHASE
+ 18
+ 6
CODE_DCO_INCR_LOW
CARRIER_CYCLE_HIGH
+ 1C
+ 7
EPOCH_COUNT_LOAD
EPOCH_CHECK (Not latched)
ACCUM + 00
ACCUM + 0
CODE_SLEW_COUNTER
I_TRACK
+ 04
+ 1
ACCUM_RESET
Q_TRACK
+ 08
+ 2
not used
I_PROMPT
+ 0C
+ 3
CODE_DCO_PRESET_PHASE
Q_PROMPT
Tracking Channel Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com