Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 59 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 59 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 54Page - Mitel Networks Corporation GP2021 Datasheet HTML 55Page - Mitel Networks Corporation GP2021 Datasheet HTML 56Page - Mitel Networks Corporation GP2021 Datasheet HTML 57Page - Mitel Networks Corporation GP2021 Datasheet HTML 58Page - Mitel Networks Corporation GP2021 Datasheet HTML 59Page - Mitel Networks Corporation GP2021 Datasheet HTML 60Page - Mitel Networks Corporation GP2021 Datasheet HTML 61Page - Mitel Networks Corporation GP2021 Datasheet HTML 62Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
59
GP2021
Timing Parameter Description
Symbol
Min
Max
Units
Notes
WREN or NCS Inactive to WREN and NCS active
τ
wcIwcA
23
ns
1
WREN and NCS Active to WREN or NCS inactive
τ
wcAwcI
10
ns
1
ALE_IP High to WREN and NCS Active pulse width
τ
alHwcA
13
ns
1
WREN and NCS Active to ALE_IP Low hold time
τ
wcAalL
6
ns
1, 2
Address Valid to WREN and NCS Active setup time
τ
adVwcA
9ns
1
WREN and NCS Active to Address Invalid hold time
τ
wcAadI
11
ns
1
READ Valid to WREN and NCS Active setup time
τ
dVwcA
7
ns
1, 3
WREN and NCS Active to READ Invalid hold time
τ
wcArdI
5
ns
1, 3
DATA Valid to WREN or NCS Inactive setup time
τ
daVwcI
7ns
1
WREN or NCS Inactive to DATA Invalid hold time
τ
wcIdaI
5ns
1
Notes:
1
WREN is active High, NCS is Active Low.
2
If ALE_IP does not overlap WREN and NCS active by wcAalL then the timings for ALE_IP both
overlapping and non–overlapping WREN and NCS active must be met.
3
READ is transparently latched by WREN and NCS being active.
4
There is no parameter specified for WREN or NCS Inactive to ALE_IP High, since the internal ALE signal is
disabled until after the end of the internal Read or Write Strobe; hence the need for the wcIalL parameter.
WREN
NCS
READ
ALE_IP
A<9:2>
D<15:0>
DATA
VALID
wcIwcA
rdVwcA
wcArdI
alHwcA
adVwcA
wcAadI
daVwcI
wcIdaI
ADDRESS
VALID
wcAalL
wcAwcI
Fig. 40 : Motorola mode read, ALE_IP overlapping WREN and NCS (NARMSYS = 1, NINTELMOT = 1, WRPROG = X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com