Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 14Page - Mitel Networks Corporation GP2021 Datasheet HTML 15Page - Mitel Networks Corporation GP2021 Datasheet HTML 16Page - Mitel Networks Corporation GP2021 Datasheet HTML 17Page - Mitel Networks Corporation GP2021 Datasheet HTML 18Page - Mitel Networks Corporation GP2021 Datasheet HTML 19Page - Mitel Networks Corporation GP2021 Datasheet HTML 20Page - Mitel Networks Corporation GP2021 Datasheet HTML 21Page - Mitel Networks Corporation GP2021 Datasheet HTML 22Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
18
GP2021
Fig.15 Peripheral functions write/read Cycle
Fig.16 RAM read/write Cycle
20MHz
INTERNAL
MCLK
ARM_ALE
NRW
NMREQ
NBW
DBE
INTERNAL
WRITE
INTERNAL
READ
D<15:0>
VALID
1 WAIT STATE
VALID
CLOCK
A<22:20>, A<9:0>
MCLK
NOTE: This diagram assumes NMREQ is Low.
20MHz
INTERNAL
ARM_ALE
NRAM
NW0
NW3
NW2
NW1
D<15:0>
DBE
NRD
NRW
NBW
VALID
VALID
VALID
VALID
VALID
CLOCK
A<22:20>, A<9:2>
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com