Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 26 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 26 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 22Page - Mitel Networks Corporation GP2021 Datasheet HTML 23Page - Mitel Networks Corporation GP2021 Datasheet HTML 24Page - Mitel Networks Corporation GP2021 Datasheet HTML 25Page - Mitel Networks Corporation GP2021 Datasheet HTML 26Page - Mitel Networks Corporation GP2021 Datasheet HTML 27Page - Mitel Networks Corporation GP2021 Datasheet HTML 28Page - Mitel Networks Corporation GP2021 Datasheet HTML 29Page - Mitel Networks Corporation GP2021 Datasheet HTML 30Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
26
GP2021
Correlator Registers
Addresses for the Correlator Registers may be
calculated from a base address with an increment for a
particular register.
The base addresses for the CNTL and ACCUM register
blocks for each channel in the Correlator are shown in the
GP2021 Register Map, the increments being given below:
eg. CH3_CODE_DCO_INCR_LOW = 060H + 018H = 078H
ADDRESS (Hex)
ADDRESS (Hex)
REGISTERS
REGISTER
ARM SYSTEM MODE
STANDARD
BLOCK
INTERFACE MODE
A<22:20>
A,9:0>
A<9:2>
REAL -TIME CLOCK
3
000
C0
RTC_LS
3
004
C1
RTC_2ND
3
008
C2
RTC_MS
3
00C
C3
CLOCK_RESET
3
010
C4
WATCHDOG_RESET
DUART
3
040
D0
TX_DATA_A, RX_DATA_A
3
044
D1
TX_DATA_A, RX_DATA_B
3
048
D2
CONFIG_A, STATUS_A
3
04C
D3
CONFIG_A, STATUS_B
3
050
D4
CH10 Control
3
054
D5
CH11 Control
3
058
D6
MULTI Control
3
05C
D7
X_DCO_INCR_HIGH
SYSTEM CONTROL
3
080
E0
WAIT_STATE
3
084
E1
SYSTEM_CONFIG
3
088
E2
Not Used
3
08C
E3
SYSTEM_ERROR_STATUS
3
090
E4
DATA_RETENT
GENERAL CONTROL
3
0C0
F0
IO_CONFIG
3
0C4
F1
TEST_CONFIG
3
0C8
F2
DATA BUS TEST
Table 8: GP2021 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com