Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 46 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 46 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 42Page - Mitel Networks Corporation GP2021 Datasheet HTML 43Page - Mitel Networks Corporation GP2021 Datasheet HTML 44Page - Mitel Networks Corporation GP2021 Datasheet HTML 45Page - Mitel Networks Corporation GP2021 Datasheet HTML 46Page - Mitel Networks Corporation GP2021 Datasheet HTML 47Page - Mitel Networks Corporation GP2021 Datasheet HTML 48Page - Mitel Networks Corporation GP2021 Datasheet HTML 49Page - Mitel Networks Corporation GP2021 Datasheet HTML 50Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
46
GP2021
Notes :
1.
Although MULTI_FN_IO is capable of being used as a Discrete input, this is not advised since if this pin is
driven High at power up, Digital Test Mode will be selected and correct operation will not ensue.
2.
Output has power level 1 when OPS_DRIVE_SEL is Low in the SYSTEM_SETUP Register.
Output has power level 2 when OPS_DRIVE_SEL is High in the SYSTEM_SETUP Register.
3.
Input has TTL thresholds in ARM System mode, but has Schmitt Trigger (type ST2) thresholds in Standard
Interface mode.
4.
Output has power level 3 when OPS_DRIVE_SEL is Low in the SYSTEM_SETUP Register.
Output has power level 6 when OPS_DRIVE_SEL is High in the SYSTEM_SETUP Register.
5.
Input has Schmitt Trigger type ST2 thresholds when IPS_3V_MODE is Low in the SYSTEM_SETUP
Register. When High they have ST1 thresholds.
6.
Usually connected to NFIQ of the ARM60 Processor.
7.
Usually connected to NIRQ of the ARM60 Processor.
8.
Characterisation data for this pin is with C L = 10pF.
9.
Characterisation data for this pin is with C L = 20pF.
10. Characterisation data for this pin is with C L = 30pF
11. Characterisation data for this pin is with C L = 50pF.
12. Characterisation data for this pin is with C L = 55pF.
13. Setup and Hold times for the GPS data applied on pins SIGN0, MAG0, SIGN1 and MAG1 are with respect to
the rising edge of SAMPCLK. Setup time = 15ns, Hold time = –1ns (i.e. data should not change during the
period between 15ns and1ns before the rising edge of SAMPCLK; where SAMPCLK is assumed to be un
loaded. The SAMPCLK signal will tend to be further delayed by about 0.1ns / pF of load capacitance).
VDD
VDD
100k
100k
CLK_T
CLK_I
OR
100k
0.1 TO 1nF
600mV
SINE
WAVE
180k
0.1 TO 1nF
CLK_T
CLK_I
OR
GP2010
DIFFERENTIAL
OUTPUT
OPCLK+
CLK_T
OPCLK–
CLK_I
VSS
VSS
SINGLE ENDED CMOS
DIFFERENTIAL
SINGLE 600mV SINEWAVE
100k
Fig 24 : Clock interconnect options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com